Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7570 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7570 Datasheet HTML 9Page - STMicroelectronics TDA7570 Datasheet HTML 10Page - STMicroelectronics TDA7570 Datasheet HTML 11Page - STMicroelectronics TDA7570 Datasheet HTML 12Page - STMicroelectronics TDA7570 Datasheet HTML 13Page - STMicroelectronics TDA7570 Datasheet HTML 14Page - STMicroelectronics TDA7570 Datasheet HTML 15Page - STMicroelectronics TDA7570 Datasheet HTML 16Page - STMicroelectronics TDA7570 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA7570
Functions, pins and components description
13/17
4.4
External thermal protection network
Example of external thermal protection circuitry
Components:
type: B57621 C621/100k/+
–Rtext = 10K
Results (simulations):
External thermal warning temperature intervention: 90 °C
External thermal shut down temperature intervention: 100 °C
External thermal shut down hysteresis: 6 °C
4.5
Gate driving network
The main purpose of the 27 Ohm resistors Rd-N-L, Rd-P-L, Rd-N-R and Rd-P-R are the
following:
1) Dumping of the L-C equivalent circuit done by the parasitic inductance and
capacitance present in the circuit
2) Reduction of the dv/dt of the Vgs and then reduction of the di/dt of the drain current
of the power MOS.
The R-C snubber network done by:
Rs-N-L, Cs-N-L
–Rs-P-L, Cs-P-L
Rs-N-R, Cs-N-R
Rs-P-R, Cs-P-R
Are in the direction to increase the dumping (point 1) and reduce the dv/dt (point 2.
The value of these components is also depending on the layout structure. With a reduction
of the parasitic inductance present in the P.C. board layout, in the region around the power
transistors, the value of these components can be reduced, giving advantage in terms of
THD, mainly at mid-high power levels, due to the reduction of the "dead zone".
The minimum suggested value of Rd-x-x is around 10
Ω, while, is some cases, Rs-x-x and
Cs-x-x can be removed.
4.6
External connections
CD, THWEXT, THWINT
These pins, if used, it must be connected to a pull-up resistor (>10k
Ω) connected to a
supply voltage referred to the receiver device (as example, a
μP). Max 10V.
MUTE - To have a soft mute-play and play-mute transition, an R-C network can be
applied (as example 47k
Ω, 1μF)
ST-BY - To avoid pop noise due to multiple ST-BY parasitic pulses, an R-C network can
be added (as example 47k
Ω, 0.1μF)
+Vs-low - This pin supply the low voltage circuits. It can be connected to the +Vs or to
a reference voltage comprising between 12V to +Vs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com