Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7570 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7570
Description  250W PWM high efficiency power audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7570 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7570 Datasheet HTML 7Page - STMicroelectronics TDA7570 Datasheet HTML 8Page - STMicroelectronics TDA7570 Datasheet HTML 9Page - STMicroelectronics TDA7570 Datasheet HTML 10Page - STMicroelectronics TDA7570 Datasheet HTML 11Page - STMicroelectronics TDA7570 Datasheet HTML 12Page - STMicroelectronics TDA7570 Datasheet HTML 13Page - STMicroelectronics TDA7570 Datasheet HTML 14Page - STMicroelectronics TDA7570 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TDA7570
Electrical specifications
11/17
3.4
Notes on the electrical schematic shown in Figure 3
3.4.1
Main characteristics
●
2 channels single-ended or 1 channel bridge PWM amplifier
●
Power output: see Table 5
●
Gain single-ended = 28 dB
●
Gain bridge = 34dB
●
Clip detector settled at THD=10%
●
Internal master oscillator
The schematic is depicted showing the suggested structure of the printed circuit board
tracks (star points, high current path, components placement).
To avoid malfunctioning due to the parasitic inductance, short connections lengths are
recommended.
Table 6.
Component characteristics
Component
(See schematic of Figure 4)
Minimum load:
2 x 4 Ohm single-ended
or 8 Ohm bridge
(2 x 65W / 1 x 130W)
Minimum load:
2 x 2 Ohm single-ended
or 4Ohm bridge
(2 x 125W / 1 x 250W))
P-MOS-L
P-MOS-R
STP12PF06
2 x STP12PF06
in parallel
N-MOS-L
N-MOS-R
STP14NF06
2 x STP14NF06
in parallel
Rp-N-L2
RP-P-L2
Rp-N-R2
Rp-P-R2
Not present
4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com