Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7705_10 Datasheet HTML 13Page - STMicroelectronics TDA7705_10 Datasheet HTML 14Page - STMicroelectronics TDA7705_10 Datasheet HTML 15Page - STMicroelectronics TDA7705_10 Datasheet HTML 16Page - STMicroelectronics TDA7705_10 Datasheet HTML 17Page - STMicroelectronics TDA7705_10 Datasheet HTML 18Page - STMicroelectronics TDA7705_10 Datasheet HTML 19Page - STMicroelectronics TDA7705_10 Datasheet HTML 20Page - STMicroelectronics TDA7705_10 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 8
17/42
3.4
Electrical characteristics
VCC = 4.7 V to 5.25 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
3.4.1
FM - section
Table 7.
FM - section
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FM IMR mixer
Rin
Input resistance
-
90
130
170
k
Ω
Vnoise
Input noise voltage
Mix 1, Rsource = 1.5 kΩ,
noiseless
-2.5
3.1
nV/
√Hz
Mix 2, Rsource = 800 Ω,
noiseless
-2
2.5
IIP3
3rd order intercept point
Mix 1
up to Vin/tone = 90 dBµV
Mix 2
up to Vin/tone = 85 dBµV
122
118
125
121
-
dBµV
dBµV
FM AGC
RFAGC-Thr
RFAGC threshold, referred to
mixer input;
RF level
Mix 1, min setting
-
87
-
dBµV
Mix 1, max setting
-
93
-
Mix 2, min setting
-
85
-
Mix 2, max setting
-
91
-
Threshold steps
-
-
2
-
dB
Threshold error
@ Tamb = 27 °C
-1.5
1.5
dB
Threshold temperature drift
-
0.016
-
dB/K
IFAGC-Thr
IFAGC threshold, referred to
mixer input; at tuned
frequency
RF level
Mix 1, min setting
-
81
-
dBµV
Mix 1, max setting
-
85
-
Mix 2, min setting
-
77
-
Mix 2, max setting
-
81
-
Threshold steps
-
-
2
-
dB
Threshold error
@ Tamb = 27 °C
-1.5
1.5
dB
Threshold temperature drift
-
0.016
-
dB/K
-
Pin diode source current
@ Tamb = 27 °C; see note
(1)
12
-
-
mA
-
Pin diode sink current
-
3
-
20
µA
-
Pin diode source current in
constant current mode
@ Tamb = 27 °C; see note
(1)
0.4
-
-
mA
1.
The current is generated by a PTAT (Proportional To Absolute Temperature) source, and has therefore a temperature
dependency described by:
ΔI/Io = ΔT/To, with Io being the current at ambient temperature (25 °C) and To the ambient
temperature (25°C) expressed in Kelvin, that is 298 K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com