Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7705_10 Datasheet HTML 14Page - STMicroelectronics TDA7705_10 Datasheet HTML 15Page - STMicroelectronics TDA7705_10 Datasheet HTML 16Page - STMicroelectronics TDA7705_10 Datasheet HTML 17Page - STMicroelectronics TDA7705_10 Datasheet HTML 18Page - STMicroelectronics TDA7705_10 Datasheet HTML 19Page - STMicroelectronics TDA7705_10 Datasheet HTML 20Page - STMicroelectronics TDA7705_10 Datasheet HTML 21Page - STMicroelectronics TDA7705_10 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Electrical specifications
TDA7705
18/42
Doc ID 15938 Rev 8
3.4.2
AM - section
Table 8.
AM - section
Symbol
Parameter
Test condition
Min
Typ
Max
Units
AM IMR Mixer
Rin
Input resistance
-
20
30
45
k
Ω
Vout_max
Max. output voltage
without clipping
-
126
-
dBµV
VN,in
Input noise voltage
Mix 1, Rsource = 1 kΩ,
noiseless
-8.5
12
nV/
√Hz
Mix 2, Rsource = 1 kΩ,
noiseless
-8.5
12
IIP3
3rd order intercept point
Mix 1,2
up to Vin/tone = 90 dBµV
126
129
-
dBµV
IIP2
2nd order intercept point
Mix1 1,2
up to Vin/tone = 90 dBµV
-
158
-
dBµV
LO hsupp
LO harmonic suppression
N=2,3,4,5,6
-
100
-
dB
N=7,9
-
85
-
AM LNA
Gain
Voltage gain
Max Gain, Rext = 1 kΩ
21
25
28
dB
Min Gain (AGC controlled)
-
12
-
Rin
Input resistance
-
-
1000
k
Ω
Cin
Input capacitance
-
-
20
pF
VN,in
Input noise voltage
-
-
1.0
1.4
nV/
√Hz
IIP3
3rd order intercept point
@ maximum LNA gain
-
125
-
dBµV
IIP2
2nd order intercept point
@ maximum LNA gain
-
143
-
dBµV
AM PIN diode
IIP2
2nd order intercept point
Full attenuation,
Csource = 80 pF, f=1 MHz
-
140
-
dBµV
Rmin
Minimum resistance
-
-
50
80
Ω
Cin
Input capacitance
High ohmic
-
12
-
pF
AM AGC
AGC-Thr
Referred to mixer input
RF level
Mix 1,2 min setting
-
87
-
dBµV
Mix 1,2 max setting
-
93
-
Thr-steps
Threshold steps
-
-
1
-
dB
Threshold error
@ Tamb = 27 °C
-2.5
-
2.5
Threshold temperature drift
-
-3
-
3
-
Pin diode source current
@ Tamb = 27 °C; see note
(1)
2-
10
mA
-
Pin diode sink current
-
15
35
50
µA
-
Pin diode source current in
constant current mode
@ Tamb = 27 °C; see note
(1)
1.5
2.5
3.5
mA
1.
The current is generated by a PTAT (Proportional To Absolute Temperature) source, and has therefore a temperature
dependency described by:
ΔI/Io = ΔT/To, with Io being the current at ambient temperature (25 °C) and To the ambient
temperature (25 °C) expressed in Kelvin, that is 298 K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com