Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7705_10 Datasheet HTML 19Page - STMicroelectronics TDA7705_10 Datasheet HTML 20Page - STMicroelectronics TDA7705_10 Datasheet HTML 21Page - STMicroelectronics TDA7705_10 Datasheet HTML 22Page - STMicroelectronics TDA7705_10 Datasheet HTML 23Page - STMicroelectronics TDA7705_10 Datasheet HTML 24Page - STMicroelectronics TDA7705_10 Datasheet HTML 25Page - STMicroelectronics TDA7705_10 Datasheet HTML 26Page - STMicroelectronics TDA7705_10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
TDA7705
Electrical specifications
Doc ID 15938 Rev 8
23/42
3.5
Overall system performance
All measurements obtained with application of Figure 16 (FM tuned application / SPI
control) unless otherwise specified.
3.5.1
FM overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms (Antenna terminal voltage with 50 Ω source).
Figure 10.
FM input set-up
Input level referred to signal generator loaded with 50
Ω (V
rf, node 'A'); no antenna dummy;
AM input not connected. Frf = 98.1 MHz, Vrf = 60 dBµV, mono modulation, fdev = 40 kHz,
faudio = 1 kHz. De-emphasis = 50 µs. Unless otherwise specified
Table 17.
FM overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range FM Eu
(can be modified by the user)
(automatic FE alignment
available)
87.5
-
108
MHz
Tuning step FM Eu
(can be modified by the user)
-
100
-
kHz
Tuning range FM US
(can be modified by the user)
(automatic FE alignment
available)
87.5
-
107.9
MHz
Tuning step FM US
(can be modified by the user)
-
200
-
kHz
Tuning range FM Jp
(can be modified by the user)
(automatic FE alignment
available)
76
-
90
MHz
Tuning step FM Jp
(can be modified by the user)
-
100
-
kHz
Tuning range FM EEu
(can be modified by the user)
(automatic FE alignment not
available)
65
-
74
MHz
Tuning step FM EEu
(can be modified by the user)
-
100
-
kHz
Sensitivity
S/N =26dB
-
-7
-4
dBµV
S/N
@ 10 dBµV, no highcut, DISS
BW = #3
-55
-
dB
Ultimate S/N
@ 60 dBµV, mono
72
75
-
dB
@ 60 dBµV,
Deviation = 75 kHz, mono
78
81
-
dB
@ 60 dBµV, stereo
70
73
-
dB
Vrf + 6dB
PCB
UNDER
TEST
50
Ω
Vrf + 6dB
Vrf
50
Ω
50
Ω
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com