Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7705 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7705
Description  Highly integrated tuner for AM/FM car radio
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7705_10 Datasheet HTML 26Page - STMicroelectronics TDA7705_10 Datasheet HTML 27Page - STMicroelectronics TDA7705_10 Datasheet HTML 28Page - STMicroelectronics TDA7705_10 Datasheet HTML 29Page - STMicroelectronics TDA7705_10 Datasheet HTML 30Page - STMicroelectronics TDA7705_10 Datasheet HTML 31Page - STMicroelectronics TDA7705_10 Datasheet HTML 32Page - STMicroelectronics TDA7705_10 Datasheet HTML 33Page - STMicroelectronics TDA7705_10 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Front-end processing
TDA7705
30/42
Doc ID 15938 Rev 8
4
Front-end processing
All the parameters in this section refer to the programmability of the FE part of the device
(registers). The part of the registers that are not described here have either fixed values or
values written by the tuner drivers, and are described in the proper technical documentation.
Table 22.
Register 0x00
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
AM mixer input selector
0
1 input #1
1
0 input #2
AM PIN diode
0
internal
1
external
AM AGC mode
0
LNA and PIN diode
1
PIN diode only
AM AGC time constant
0
0
slow (125 ms with 1 µF)
0
1
medium (25 ms with 1 µF)
1
1
fast (5 ms with 1 µF)
AM AGC threshold @ mixin
0
0
0
90 dBµV
0
0
1
91 dBµV
0
1
0
92 dBµV
0
1
1
93 dBµV
1
0
0
90 dBµV
1
0
1
89 dBµV
1
1
0
88 dBµV
1
1
1
87 dBµV
AM AGC attack time constant
0
normal
1
fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com