Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T35
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T35 Datasheet HTML 7Page - STMicroelectronics M48T35 Datasheet HTML 8Page - STMicroelectronics M48T35 Datasheet HTML 9Page - STMicroelectronics M48T35 Datasheet HTML 10Page - STMicroelectronics M48T35 Datasheet HTML 11Page - STMicroelectronics M48T35 Datasheet HTML 12Page - STMicroelectronics M48T35 Datasheet HTML 13Page - STMicroelectronics M48T35 Datasheet HTML 14Page - STMicroelectronics M48T35 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
M48T35, M48T35Y
Operation modes
Doc ID 2611 Rev 10
11/28
2.3
Data retention mode
With valid VCC applied, the M48T35/Y operates as a conventional BYTEWIDE static RAM.
Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself when VCC falls within the VPFD (max), VPFD (min) window. All outputs
become high impedance, and all inputs are treated as “Don't care” (see Figure 12 on
page 19, Table 10, and Table 11 on page 20).
Note:
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's content. At voltages below VPFD (min), the
user can be assured the memory will be in a write protected state, provided the VCC fall time
is not less than tF. The M48T35/Y may respond to transient noise spikes on VCC that reach
into the deselect window during the time the device is sampling VCC. Therefore, decoupling
of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery which
preserves data and powers the clock. The internal button cell will maintain data in the
M48T35/Y for an accumulated period of at least 7 years when VCC is less than VSO. As
system power returns and VCC rises above VSO, the battery is disconnected, and the power
supply is switched to external VCC. Write protection continues until VCC reaches VPFD (min)
plus trec (min). E should be kept high as VCC rises past VPFD (min) to prevent inadvertent
WRITE cycles prior to processor stabilization. Normal RAM operation can resume trec after
VCC exceeds VPFD (max).
For more information on battery storage life refer to the application note AN1012.
Table 4.
WRITE mode AC characteristics
Symbol
Parameter(1)
M48T35/Y
Unit
Min
Max
tAVAV
WRITE cycle time
70
ns
tAVWL
Address valid to WRITE enable low
0
ns
tAVEL
Address valid to chip enable low
0
ns
tWLWH
WRITE enable pulse width
50
ns
tELEH
Chip enable low to chip enable high
55
ns
tWHAX
WRITE enable high to address transition
0
ns
tEHAX
Chip enable high to address transition
0
ns
tDVWH
Input valid to WRITE enable high
30
ns
tDVEH
Input valid to chip enable high
30
ns
tWHDX
WRITE enable high to input transition
5
ns
tEHDX
Chip enable high to input transition
5
ns
tWLQZ
(2)(3)
WRITE enable low to output Hi-Z
25
ns
tAVWH
Address valid to WRITE enable high
60
ns
tAVEH
Address valid to chip enable high
60
ns
tWHQX
(2)(3)
WRITE enable high to output transition
5
ns
1.
Valid for ambient operating temperature: TA = 0 to 70 or –40 to 85 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where
noted).
2.
CL = 5 pF.
3.
If E goes low simultaneously with W going low, the outputs remain in the high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com