Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T35
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35 Datasheet(HTML) 5 Page - STMicroelectronics

  M48T35 Datasheet HTML 1Page - STMicroelectronics M48T35 Datasheet HTML 2Page - STMicroelectronics M48T35 Datasheet HTML 3Page - STMicroelectronics M48T35 Datasheet HTML 4Page - STMicroelectronics M48T35 Datasheet HTML 5Page - STMicroelectronics M48T35 Datasheet HTML 6Page - STMicroelectronics M48T35 Datasheet HTML 7Page - STMicroelectronics M48T35 Datasheet HTML 8Page - STMicroelectronics M48T35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
M48T35, M48T35Y
Description
Doc ID 2611 Rev 10
5/28
1
Description
The M48T35/Y TIMEKEEPER® RAM is a 32 Kb x 8 non-volatile static RAM and real-time
clock. The monolithic chip is available in two special packages to provide a highly integrated
battery-backed memory and real-time clock solution.
The M48T35/Y is a non-volatile pin and function equivalent to any JEDEC standard
32 Kb x 8 SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets,
providing the non-volatility of PROMs without any requirement for special WRITE timing or
limitations on the number of WRITEs that can be performed.
The 28-pin, 600 mil DIP CAPHAThouses the M48T35/Y silicon with a quartz crystal and a
long life lithium button cell in a single package.
The 28-pin, 330 mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery and crystal. The
unique design allows the SNAPHAT battery package to be mounted on top of the SOIC
package after the completion of the surface mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery and crystal damage due to the high
temperatures required for device surface-mounting. The SNAPHAT housing is keyed to
prevent reverse insertion. The SOIC and battery/crystal packages are shipped separately in
plastic anti-static tubes or in tape & reel form.
For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT) part number is “M4T28-
BR12SH”.
Figure 1.
Logic diagram
AI01620B
15
A0-A14
W
DQ0-DQ7
VCC
M48T35
M48T35Y
G
VSS
8
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com