Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M48T35
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M48T35 Datasheet HTML 20Page - STMicroelectronics M48T35 Datasheet HTML 21Page - STMicroelectronics M48T35 Datasheet HTML 22Page - STMicroelectronics M48T35 Datasheet HTML 23Page - STMicroelectronics M48T35 Datasheet HTML 24Page - STMicroelectronics M48T35 Datasheet HTML 25Page - STMicroelectronics M48T35 Datasheet HTML 26Page - STMicroelectronics M48T35 Datasheet HTML 27Page - STMicroelectronics M48T35 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
M48T35, M48T35Y
Revision history
Doc ID 2611 Rev 10
27/28
9
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Nov-1999
1
First issue
07-Feb-2000
1.1
tDR description changed (Table 9)
04-Jun-2001
2
Reformatted; temp/voltage info. added to tables (Table 8, 9, 3, 4, 10, 11);
add century bit text
31-Jul-2001
2.1
Formatting changes based on latest document reviews
06-Mar-2002
2.2
Add PMDIP packaging option, which is “Not for New Design” (NND)
(Table 16)
20-May-2002
2.3
Modify reflow time and temperature footnotes (Table 6)
26-Jun-2002
2.4
Add footnote to table (Table 11)
31-Mar-2003
3
v2.2 template applied; data retention condition updated (Table 11)
10-Dec-2003
4
Reformatted; update DC characteristics (Table 9)
31-Mar-2004
5
Reformatted; update Pb-free package information (Table 6, 16)
05-Dec-2005
6
Updated template, lead-free text, and remove footnote (Table 9, 16)
01-Aug-2007
7
Reformatted; added lead-free second level interconnect information to
cover page and Section 6: Package mechanical data.
12-Feb-2009
8
Updated Table 6; text in Section 6: Package mechanical data; added
Section 8: Environmental information; minor formatting changes.
08-Sep-2010
9
Reformatted document; updated Section 4, Table 12, 16; removed
PMDIP28 package.
07-Jun-2011
10
Updated footnote 1 of Table 6: Absolute maximum ratings; updated
Section 8: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com