Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M48T35
Description  5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER® SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M48T35 Datasheet HTML 20Page - STMicroelectronics M48T35 Datasheet HTML 21Page - STMicroelectronics M48T35 Datasheet HTML 22Page - STMicroelectronics M48T35 Datasheet HTML 23Page - STMicroelectronics M48T35 Datasheet HTML 24Page - STMicroelectronics M48T35 Datasheet HTML 25Page - STMicroelectronics M48T35 Datasheet HTML 26Page - STMicroelectronics M48T35 Datasheet HTML 27Page - STMicroelectronics M48T35 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
M48T35, M48T35Y
Part numbering
Doc ID 2611 Rev 10
25/28
7
Part numbering
Table 16.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 17.
SNAPHAT® battery table
Example:
M48T
35
–70
PC
1
E
Device type
M48T
Supply voltage and write protect voltage
35(1) = VCC = 4.75 to 5.5 V; VPFD = 4.5 to 4.75 V
1.
The M48T35 part is offered only in the PCDIP28 (i.e. CAPHAT™) package.
35Y(2) = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
2.
The M48T35Y is available only in the SOH28 (i.e. SNAPHAT SOIC) package.
Speed
–70 = 70 ns
Package
PC = PCDIP28
MH(3) = SOH28
3.
The SOIC package (SOH28) requires the SNAPHAT® battery package which is ordered
separately under the part number “M4TXX-BR12SH” (see Table 17 on page 25).
Temperature range
1 = 0 to 70 °C
6(4) = –40 to 85 °C
4.
Temperature grade 6 (–40 to +85 °C) devices are not for new design. Contact ST sales office
for availability.
Shipping method
For SOH28:
E = ECOPACK
® package, tubes
F = ECOPACK
® package, tape & reel
For PCDIP28:
blank = ECOPACK
® package, tubes
Part number
Description
Package
M4T28-BR12SH
Lithium battery (48 mAh) SNAPHAT
®
SH
M4T32-BR12SH
Lithium battery (120 mAh) SNAPHAT
®
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com