Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 146Page - STMicroelectronics SPC56EL60X Datasheet HTML 147Page - STMicroelectronics SPC56EL60X Datasheet HTML 148Page - STMicroelectronics SPC56EL60X Datasheet HTML 149Page - STMicroelectronics SPC56EL60X Datasheet HTML 150Page - STMicroelectronics SPC56EL60X Datasheet HTML 151Page - STMicroelectronics SPC56EL60X Datasheet HTML 152Page - STMicroelectronics SPC56EL60X Datasheet HTML 153Page - STMicroelectronics SPC56EL60X Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
Revision history
SPC56XL60/54
150/160
Doc ID 15457 Rev 8
6
Revision history
Table 44.
Document revision history
Date
Revision
Changes
02-Mar-2009
1
Initial release.
05-May-2009
2
Updated, Advance Information.
– Revised SINAD/SNR specifications.
– Updated pinout and pin multiplexing information.
29-Oct-2009
3
Updated, Advance Information, Public release.
– Throughout this document, added information for LFBGA257 package.
– Updated feature summary.
– Updated Table 1, SPC56XL60/54 device summary.
– Updated Section 1.3, Feature Details.
– Updated pin-out and pin multiplexing tables.
– In Section 3, Electrical characteristics, added symbols for signal
characterization methods.
–In Table 9, updated maximum ratings.
–In Table 12 and Table 13, removed moving-air thermal characteristics.
– Updated Section 3.8, Voltage regulator electrical characteristics.
– Updated Section 3.14, ADC electrical characteristics.
– Updated Section 3.15, Flash memory electrical characteristics.
– Updated Section 3.17.1, RESET pin characteristics.
– Removed External interrupt timing (IRQ pin) timing specifications.
– Updated Section 3.17.6, DSPI timing.
Updated Section 5, Ordering information.
14-Jun-2010
4
Editorial changes and improvements.
Revised the 257-pin package pin pitch (was 1.4 mm, is 0.8 mm).
Added information about the 100-pin LQFP.
In the Overview section:
– Renamed the peripheral bridge to “PBRIDGE”.
– Revised the information for FlexRay.
– Revised the “Clock, reset, power, mode and test control module” section.
– Revised the “Platform memory access time summary” table and replaced
TBDs by meaningful values.
Extensive revisions to signal descriptions and pin muxing information.
In the “Recommended operating conditions (3.3 V)” table, changed the
specification for VDD_HV_ADR0 and VDD_HV_ADR1 (was “...3.3 V”, is “...3.6 V”).
Revised the “EMI testing specifications” table.
In the “HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD electrical
specifications” table, added a specification for the digital low voltage detector
upper threshold.
Revised the “FMPLL electrical characteristics” table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com