Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 147Page - STMicroelectronics SPC56EL60X Datasheet HTML 148Page - STMicroelectronics SPC56EL60X Datasheet HTML 149Page - STMicroelectronics SPC56EL60X Datasheet HTML 150Page - STMicroelectronics SPC56EL60X Datasheet HTML 151Page - STMicroelectronics SPC56EL60X Datasheet HTML 152Page - STMicroelectronics SPC56EL60X Datasheet HTML 153Page - STMicroelectronics SPC56EL60X Datasheet HTML 154Page - STMicroelectronics SPC56EL60X Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 160 page
background image
SPC56XL60/54
Revision history
Doc ID 15457 Rev 8
151/160
14-Jun-2010
4
(continued)
In the “Main oscillator electrical characteristics” table, changed the maximum
specification for gmXOSCHS (was 11 mA/V, is 11.8 mA/V).
Revised the “ADC electrical characteristics” section.In the “ADC conversion
characteristics” table:
– Changed the tADC_S specification (was TBD, is minimum of 383 ns).
– Added the footnote “No missing codes” to the DNL specification.
– Added specifications for SNR, THD, SINAD, and ENOB.
Revised the “Ordering information” section.
23-Nov-2010
5
Editorial changes and improvements.
Revised the Overview section.
Replaced references to PowerPC with references to Power Architecture.
In the feature summary, changed “As much as 128 KB on-chip SRAM” to
“128 KB on-chip SRAM”.
In the “Feature details” section:
– In the “On-chip SRAM with ECC” section, added information about required
RAM wait states.
– In the PIT section, deleted “32-bit counter for real time interrupt, clocked from
main external oscillator” (not supported on this device).
– In the flash-memory section, changed “16 KB Test” to “16 KB test sector”,
revised the wait state information, and deleted the associated Review_Q&A
content.
– In the SRAM section, revised the wait state information.
In the 100-pin pinout diagram:
– Renamed pin 41 (was VDD_HV_ADV0_ADV1, is VDD_HV_ADV).
– Renamed pin 42 (was VSS_HV_ADV0_ADV1, is VSS_HV_ADV).
In the 144-pin pinout diagram:
– Renamed pin 58 (was VDD_HV_ADV0_ADV1, is VDD_HV_ADV).
– Renamed pin 59 (was VSS_HV_ADV0_ADV1, is VSS_HV_ADV).
Added the “LQFP100 pin function summary” table.
In the “LQFP144 pin function summary” table, for pin 39, changed VSS_LV_COR
to VDD_LV_COR.
In the “Supply pins” table:
– Changed the description for VDD_LV_COR (was “Voltage regulator supply
voltage”, is “Core logic supply”).
– Changed the description for VDD_HV_PMU (was “Core regulator supply”, is
“Voltage regulator supply”).
In the “Pin muxing” table:
– In the “Pad speed” column headings, changed “SRC = 0” to “SRC = 1” and
“SRC = 1” to “SRC = 0”
– For port B[6], changed the pad speed for SRC=0 (was M, is F).
In the “Thermal characteristics” section, added meaningful values to the
thermal-characteristics tables.
Added the “SWG electrical specifications” section.
In the “Voltage regulator electrical characteristics” section, changed the table
title (was “HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD
electrical specifications”, is “Voltage regulator electrical characteristics”) and
revised the table.
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com