Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P54X Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC560P54X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54X Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC560P54X Datasheet HTML 76Page - STMicroelectronics SPC560P54X Datasheet HTML 77Page - STMicroelectronics SPC560P54X Datasheet HTML 78Page - STMicroelectronics SPC560P54X Datasheet HTML 79Page - STMicroelectronics SPC560P54X Datasheet HTML 80Page - STMicroelectronics SPC560P54X Datasheet HTML 81Page - STMicroelectronics SPC560P54X Datasheet HTML 82Page - STMicroelectronics SPC560P54X Datasheet HTML 83Page - STMicroelectronics SPC560P54X Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
80/104
Doc ID 18340 Rev 3
3.15.2
ADC conversion characteristics
Table 32.
ADC conversion characteristics
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VINAN
SR Analog input voltage(2)
—
VSS_HV_AD
0.3
—
VSS_HV_AD
+ 0.3
V
fCK
SR
ADC Clock frequency
(depends on ADC
configuration)
(The duty cycle depends
on AD_clk(3) frequency)
—3(4)
—60
MHz
fs
SR Sampling frequency
—
—
—
1.53
MHz
tADC_S
D
Sample time(5)
fADC = 20 MHz,
INPSAMP = 3
125
—
—
ns
fADC = 9 MHz,
INPSAMP = 255
——
28.2
µs
tADC_C
PConversion time(6)
fADC = 20 MHz
(7),
INPCMP = 1
0.650
—
—
µs
CS
(8)
D
ADC input sampling
capacitance
——
—
2.5
pF
CP1
(8)
D
ADC input pin capacitance
1
——
—
3
pF
CP2
(8)
D
ADC input pin capacitance
2
——
—
1
pF
CP3
(8)
D
ADC input pin capacitance
3
——
—
1
pF
RSW1
(8)
D
Internal resistance of
analog source
VDD_HV_AD = 5 V ±10%
—
—
0.6
k
VDD_HV_AD = 3.3 V ±10%
—
—
3
k
RSW2
(8)
D
Internal resistance of
analog source
VDD_HV_AD = 5 V ±10%
—
—
2.15
k
VDD_HV_AD = 3.3 V ±10%
—
—
3.6
k
RAD
(8)
D
Internal resistance of
analog source
——
—
2
k
IINJ
T
Input current injection
Current injection on one ADC
input, different from the
converted one. Remains within
TUE spec.
–5
—
5
mA
INL
P
Integral Non Linearity
No overload
—
±1.5
—
LSB
DNL
P
Differential Non Linearity
No overload
–1.0
—
1.0
LSB
OFS
T
Offset error
—
—
±1
—
LSB
GNE
T
Gain error
—
—
±1
—
LSB
TUE
P
Total unadjusted error
without current injection
16 precision channels
–2.5
—
2.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com