Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P54X Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC560P54X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54X Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC560P54X Datasheet HTML 19Page - STMicroelectronics SPC560P54X Datasheet HTML 20Page - STMicroelectronics SPC560P54X Datasheet HTML 21Page - STMicroelectronics SPC560P54X Datasheet HTML 22Page - STMicroelectronics SPC560P54X Datasheet HTML 23Page - STMicroelectronics SPC560P54X Datasheet HTML 24Page - STMicroelectronics SPC560P54X Datasheet HTML 25Page - STMicroelectronics SPC560P54X Datasheet HTML 26Page - STMicroelectronics SPC560P54X Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
SPC56xP54x, SPC56xP60x
Introduction
Doc ID 18340 Rev 3
23/104
1.5.24
Analog-to-digital converter (ADC)
The ADC module provides the following features:
Analog part:
1 on-chip analog-to-digital converter
10-bit AD resolution
1 sample and hold unit per ADC
Conversion time, including sampling time, less than 1
s (at full precision)
Typical sampling time is 150 ns min. (at full precision)
Differential non-linearity error (DNL) ±1 LSB
Integral non-linearity error (INL) ±1.5 LSB
Total unadjusted error (TUE) <3 LSB
Single-ended input signal range from 0 to 3.3 V / 5.0 V
ADC and its reference can be supplied with a voltage independent from VDDIO
ADC supply can be equal or higher than VDDIO
ADC supply and the ADC reference are not independent from each other (they are
internally bonded to the same pad)
Sample times of 2 (default), 8, 64, or 128 ADC clock cycles
Digital part:
27 input channels (26 + 1 internally connected)
4 analog watchdogs to compare ADC results against predefined levels (low, high,
range) before results are stored
2 operating modes: Normal mode and CTU control mode
Normal mode features
Register-based interface with the CPU: control register, status register, 1 result
register per channel
ADC state machine managing 3 request flows: regular command, hardware
injected command, and software injected command
Selectable priority between software and hardware injected commands
DMA compatible interface
CTU control mode features
Triggered mode only
4 independent result queues (2 × 16 entries, 2 × 4 entries)
Result alignment circuitry (left justified; right justified)
32-bit read mode allows to have channel ID on one of the 16-bit part
DMA compatible interfaces
1.5.25
Cross triggering unit (CTU)
The Cross Triggering Unit (CTU) allows automatic generation of ADC conversion requests
on user selected conditions with minimized CPU load for dynamic configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com