Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P54X Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPC560P54X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPC560P54X Datasheet HTML 10Page - STMicroelectronics SPC560P54X Datasheet HTML 11Page - STMicroelectronics SPC560P54X Datasheet HTML 12Page - STMicroelectronics SPC560P54X Datasheet HTML 13Page - STMicroelectronics SPC560P54X Datasheet HTML 14Page - STMicroelectronics SPC560P54X Datasheet HTML 15Page - STMicroelectronics SPC560P54X Datasheet HTML 16Page - STMicroelectronics SPC560P54X Datasheet HTML 17Page - STMicroelectronics SPC560P54X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
14/104
Doc ID 18340 Rev 3
The crossbar provides the following features:
●
6 master ports:
–
2 e200z0 core complex Instruction ports
–
2 e200z0 core complex Load/Store Data ports
–eDMA
–FlexRay
●
6 slave ports:
–
2 Flash memory (code flash and data flash)
–
2 SRAM (48 KB + 32 KB)
–
2 PBRIDGE
●
32-bit internal address, 32-bit internal data paths
●
Fixed Priority Arbitration based on Port Master
●
Temporary dynamic priority elevation of masters
1.5.3
Enhanced direct memory access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module
capable of performing complex data movements via 16 programmable channels, with
minimal intervention from the host processor. The hardware micro architecture includes a
DMA engine which performs source and destination address calculations, and the actual
data movement operations, along with an SRAM-based memory containing the transfer
control descriptors (TCD) for the channels. This implementation is utilized to minimize the
overall block size.
The eDMA module provides the following features:
●
16 channels support independent 8, 16 or 32-bit single value or block transfers
●
Supports variable sized queues and circular queues
●
Source and destination address registers are independently configured to post-
increment or remain constant
●
Each transfer is initiated by a peripheral, CPU, or eDMA channel request
●
Each eDMA channel can optionally send an interrupt request to the CPU on completion
of a single value or block transfer
●
DMA transfers possible between system memories, DSPIs, ADC, eTimer and CTU
●
Programmable DMA Channel Multiplexer for assignment of any DMA source to any
available DMA channel with up to 30 potential request sources
●
eDMA abort operation through software
1.5.4
On-chip flash memory with ECC
The SPC56xP54/60 provides up to 1024 KB of programmable, non-volatile, flash memory.
The non-volatile memory (NVM) can be used for instruction and/or data storage. The flash
memory module interfaces the system bus to a dedicated flash memory array controller. It
supports a 32-bit data bus width at the system bus port, and a 128-bit read data interface to
flash memory. The module contains a four-entry, 4x128-bit prefetch buffers. Prefetch buffer
hits allow no-wait responses. Normal flash memory array accesses are registered and are
forwarded to the system bus on the following cycle, incurring 2 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com