Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P54X Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC560P54X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54X Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC560P54X Datasheet HTML 20Page - STMicroelectronics SPC560P54X Datasheet HTML 21Page - STMicroelectronics SPC560P54X Datasheet HTML 22Page - STMicroelectronics SPC560P54X Datasheet HTML 23Page - STMicroelectronics SPC560P54X Datasheet HTML 24Page - STMicroelectronics SPC560P54X Datasheet HTML 25Page - STMicroelectronics SPC560P54X Datasheet HTML 26Page - STMicroelectronics SPC560P54X Datasheet HTML 27Page - STMicroelectronics SPC560P54X Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
24/104
Doc ID 18340 Rev 3
It implements the following features:
●
Double buffered trigger generation unit with up to eight independent triggers generated
from external triggers
●
Trigger generation unit configurable in sequential mode or in triggered mode
●
Each Trigger can be appropriately delayed to compensate the delay of external low
pass filter
●
Double buffered global trigger unit allowing eTimer synchronization and/or ADC
command generation
●
Double buffered ADC command list pointers to minimize ADC-trigger unit update
●
Double buffered ADC conversion command list with up to 24 ADC commands
●
Each trigger has the capability to generate consecutive commands
●
ADC conversion command allows to control ADC channel from each ADC, single or
synchronous sampling, independent result queue selection
1.5.26
Cyclic redundancy check (CRC)
●
3 contexts for the concurrent CRC computation
●
Separate CRC engine for each context
●
Zero-wait states during the CRC computation (pipeline scheme)
●
3 hard-wired polynomials (CRC-8 VDA CAN, CRC-32 ethernet and CRC-16-CCITT)
●
Support for byte/half-word/word width of the input data stream
●
Support for expected and actual CRC comparison
1.5.27
Nexus development interface (NDI)
The NDI block provides real-time development support capabilities for the SPC56xP54/60
Power Architecture based MCU in compliance with the IEEE-ISTO 5001-2003 standard.
This development support is supplied for MCUs without requiring external address and data
pins for internal visibility. The NDI block is an integration of several individual Nexus blocks
that are selected to provide the development support interface for this device. The NDI block
interfaces to the host processor and internal buses to provide development support as per
the IEEE-ISTO 5001-2003 Class 2+ standard. The development support provided includes
access to the MCU’s internal memory map and access to the processor’s internal registers
during run time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com