Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 65Page - STMicroelectronics ST10F276E Datasheet HTML 66Page - STMicroelectronics ST10F276E Datasheet HTML 67Page - STMicroelectronics ST10F276E Datasheet HTML 68Page - STMicroelectronics ST10F276E Datasheet HTML 69Page - STMicroelectronics ST10F276E Datasheet HTML 70Page - STMicroelectronics ST10F276E Datasheet HTML 71Page - STMicroelectronics ST10F276E Datasheet HTML 72Page - STMicroelectronics ST10F276E Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 235 page
background image
ST10F276E
Bootstrap loader
Doc ID 12303 Rev 3
69/235
The values for operand0, operand1 and the signature should be such that the sequence
shown in the figure below is successfully executed.
MOV
Rx, CheckBlock1Addr; 00’0000h for standard reset
ADD
Rx, CheckBlock2Addr; 00’1FFCh for standard reset
CPLB
RLx
; 1s complement of the lower
; byte of the sum
CMP
Rx, CheckBlock3Addr; 00’1FFEh for standard reset
5.6.9
Alternate boot user software aspects
User defined alternate boot code must start at 09’0000h. A new SFR created on the
ST10F276E indicates that the device is running in Alternate Boot Mode: Bit 5 of EMUCON
(mapped at 0xFE0Ah) is set when the alternate boot is selected by the reset configuration.
All the other bits are ignored when checking the content of this register to read the value of
bit 5.
This bit is a read-only bit. It remains set until the next software or hardware reset.
5.6.10
EMUCON register
5.6.11
Internal decoding of test modes
The test mode decoding logic is located inside the ST10F276E Bus Controller.
The decoding is as follows:
●
Alternate Boot Mode decoding: (P0L.5 & P0L.4)
●
Standard Bootstrap decoding: (P0L.5 & P0L.4)
●
Normal operation: (P0L.5 & P0L.4)
The other configurations select ST internal test modes.
EMUCON (FE0Ah / 05h)
SFR
Reset value: - xxh:
15
14
13
12
11
10
98
765
43
210
-
ABM
-R
-
Table 36.
ABM bit description
Bit
Function
ABM
ABM Flag (or TMOD3)
0: Alternate Boot Mode is not selected by reset configuration on P0L[5..4]
1: Alternate Boot Mode is selected by reset configuration on P0L[5..4]: This bit is
set if P0L[5..4] = ‘01’ during hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com