Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F276E Datasheet HTML 1Page - STMicroelectronics ST10F276E Datasheet HTML 2Page - STMicroelectronics ST10F276E Datasheet HTML 3Page - STMicroelectronics ST10F276E Datasheet HTML 4Page - STMicroelectronics ST10F276E Datasheet HTML 5Page - STMicroelectronics ST10F276E Datasheet HTML 6Page - STMicroelectronics ST10F276E Datasheet HTML 7Page - STMicroelectronics ST10F276E Datasheet HTML 8Page - STMicroelectronics ST10F276E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 235 page
background image
This is information on a product in full production.
August 2012
Doc ID 12303 Rev 3
1/235
1
ST10F276E
16-bit MCU with MAC unit
832 Kbyte Flash memory and 68 Kbyte RAM
Datasheet
− production data
Features
■ Highly performance 16-bit CPU with DSP
functions
– 31.25ns instruction cycle time at 64MHz
max CPU clock
– Multiply/accumulate unit (MAC) 16 x 16-bit
multiplication, 40-bit accumulator
– Enhanced boolean bit manipulations
– Single-cycle context switching support
■ On-chip memories
– 512 Kbyte Flash memory (32-bit fetch)
– 320 Kbyte extension Flash memory (16-bit
fetch)
– Single voltage Flash memories with
erase/program controller and 100K
erasing/programming cycles
– Up to 16 Mbyte linear address space for
code and data (5 Mbytes with CAN or I2C)
– 2 Kbyte internal RAM (IRAM)
– 66 Kbyte extension RAM (XRAM)
■ External bus
– Programmable external bus configuration &
characteristics for different address ranges
– 5 programmable chip-select signals
– Hold-acknowledge bus arbitration support
■ Interrupt
– 8-channel peripheral event controller for
single cycle interrupt driven data transfer
– 16-priority-level interrupt system with 56
sources, sampling rate down to 15.6ns
■ Timers
– 2 multi-functional general purpose timer
units with 5 timers
■ Two 16-channel capture / compare units
■ 4-channel PWM unit + 4-channel XPWM
■ A/D converter
– 24-channel 10-bit
– 3 µs minimum conversion time
■ Serial channels
– 2 synch. / asynch. serial channels
– 2 high-speed synchronous channels
–1 I2C standard interface
■ 2 CAN 2.0B interfaces operating on 1 or 2 CAN
busses (64 or 2x32 message, C-CAN version)
■ Fail-safe protection
– Programmable watchdog timer
– Oscillator watchdog
■ On-chip bootstrap loader
■ Clock generation
– On-chip PLL with 4 to 12 MHz oscillator
– Direct or prescaled clock input
■ Real-time clock and 32 kHz on-chip oscillator
■ Up to 111 general purpose I/O lines
– Individually programmable as input, output
or special function
– Programmable threshold (hysteresis)
■ Idle, power down and stand-by modes
■ Single voltage supply: 5V ±10% (embedded
regulator for 1.8 V core supply)
PQFP144 (28 x 28 x 3.4mm)
(Plastic quad flat package)
LQFP144 (20 x 20 x 1.4mm)
(Low profile plastic quad
flat package)
www.st.com


Similar Part No. - ST10F276E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F276R-6Q3 STMICROELECTRONICS-ST10F276R-6Q3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
More results

Similar Description - ST10F276E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
03-Dec-2007
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com