Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 47Page - STMicroelectronics ST10F276E Datasheet HTML 48Page - STMicroelectronics ST10F276E Datasheet HTML 49Page - STMicroelectronics ST10F276E Datasheet HTML 50Page - STMicroelectronics ST10F276E Datasheet HTML 51Page - STMicroelectronics ST10F276E Datasheet HTML 52Page - STMicroelectronics ST10F276E Datasheet HTML 53Page - STMicroelectronics ST10F276E Datasheet HTML 54Page - STMicroelectronics ST10F276E Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 235 page
background image
ST10F276E
Bootstrap loader
Doc ID 12303 Rev 3
51/235
5.2.3
Booting steps
As Figure 6 shows, booting ST10F276E with the boot loader code occurs in a minimum of
four steps:
1.
The ST10F276E is reset with P0L.4 low.
2.
The internal new bootstrap code runs on the ST10 and a first level user code is
downloaded from the external device, via the selected serial link (UART0 or CAN1).
The bootstrap code is contained in the ST10F276E Test-Flash and is automatically run
when ST10F276E is reset with P0L.4 low. After loading a preselected number of bytes,
ST10F276E begins executing the downloaded program.
3.
The first level user code runs on ST10F276E. Typically, this first level user code is
another loader that downloads the application software into the ST10F276E.
4.
The loaded application software is now running.
Figure 6.
Booting steps for ST10F276E
5.2.4
Hardware to activate BSL
The hardware that activates the BSL during reset may be a simple pull-down resistor on
P0L.4 for systems that use this feature at every hardware reset. For systems that use the
bootstrap loader only temporarily, it may be preferable to use a switchable solution (via
jumper or an external signal).
Note:
CAN alternate function on Port4 lines is not activated if the user has selected eight address
segments (Port4 pins have three functions: I/O port, address segment and CAN). Boot via
CAN requires that four or less address segments are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com