Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 85Page - STMicroelectronics ST10F276E Datasheet HTML 86Page - STMicroelectronics ST10F276E Datasheet HTML 87Page - STMicroelectronics ST10F276E Datasheet HTML 88Page - STMicroelectronics ST10F276E Datasheet HTML 89Page - STMicroelectronics ST10F276E Datasheet HTML 90Page - STMicroelectronics ST10F276E Datasheet HTML 91Page - STMicroelectronics ST10F276E Datasheet HTML 92Page - STMicroelectronics ST10F276E Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 235 page
background image
ST10F276E
PWM modules
Doc ID 12303 Rev 3
89/235
11
PWM modules
Two pulse width modulation modules are available on ST10F276E: standard PWM0 and
XBUS PWM1. They can generate up to four PWM output signals each, using edge-aligned
or centre-aligned PWM. In addition, the PWM modules can generate PWM burst signals and
single shot outputs. Table 50 and Table 51 show the PWM frequencies for different
resolutions. The level of the output signals is selectable and the PWM modules can
generate interrupt requests.
Figure 19.
Block diagram of PWM module
1.
User readable / writeable register
Table 50.
PWM unit frequencies and resolutions at 40 MHz CPU clock
Mode
CPU clock
divided by
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
0
1
25ns
156.25 kHz
39.1 kHz
9.77 kHz
2.44 Hz
610 Hz
64
1.6µs
2.44 kHz
610 Hz
152.6 Hz
38.15 Hz
9.54 Hz
1
1
25ns
78.12 kHz
19.53 kHz
4.88 kHz
1.22 kHz
305.2 Hz
64
1.6µs
1.22 kHz
305.17 Hz
76.29 Hz
19.07 Hz
4.77 Hz
Table 51.
PWM unit frequencies and resolutions at 64 MHz CPU clock
Mode
CPU clock
divided by
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
0
1
15.6ns
250 kHz
62.5 kHz
15.63 kHz
3.91 Hz
977 Hz
64
1.0µs
3.91 kHz
976.6 Hz
244.1Hz
61.01 Hz
15.26 Hz
1
1
15.6ns
125 kHz
31.25 kHz
7.81 kHz
1.95 kHz
488.3 Hz
64
1.0µs
1.95 kHz
488.28 Hz
122.07 Hz
30.52 Hz
7.63 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com