Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 153Page - STMicroelectronics ST10F276E Datasheet HTML 154Page - STMicroelectronics ST10F276E Datasheet HTML 155Page - STMicroelectronics ST10F276E Datasheet HTML 156Page - STMicroelectronics ST10F276E Datasheet HTML 157Page - STMicroelectronics ST10F276E Datasheet HTML 158Page - STMicroelectronics ST10F276E Datasheet HTML 159Page - STMicroelectronics ST10F276E Datasheet HTML 160Page - STMicroelectronics ST10F276E Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 235 page
background image
ST10F276E
Register set
Doc ID 12303 Rev 3
157/235
I2CSR2
EA04h
I2C Status register 2
0000h
RTCAH
ED14h
RTC Alarm register high byte
XXXXh
RTCAL
ED12h
RTC Alarm register low byte
XXXXh
RTCCON
ED00H
RTC Control register
000Xh
RTCDH
ED0Ch
RTC Divider counter high byte
XXXXh
RTCDL
ED0Ah
RTC Divider counter low byte
XXXXh
RTCH
ED10h
RTC Programmable counter high byte
XXXXh
RTCL
ED0Eh
RTC Programmable counter low byte
XXXXh
RTCPH
ED08h
RTC Prescaler register high byte
XXXXh
RTCPL
ED06h
RTC Prescaler register low byte
XXXXh
XCLKOUTDIV
EB02h
CLKOUT Divider control register
- - 00h
XEMU0
EB76h
XBUS Emulation register 0 (write-only)
XXXXh
XEMU1
EB78h
XBUS Emulation register 1 (write-only)
XXXXh
XEMU2
EB7Ah
XBUS Emulation register 2 (write-only)
XXXXh
XEMU3
EB7Ch
XBUS Emulation register 3 (write-only)
XXXXh
XIR0CLR
EB14h
X-Interrupt 0 clear register (write-only)
0000h
XIR0SEL
EB10h
X-Interrupt 0 selection register
0000h
XIR0SET
EB12h
X-Interrupt 0 set register (write-only)
0000h
XIR1CLR
EB24h
X-Interrupt 1 clear register (write-only)
0000h
XIR1SEL
EB20h
X-Interrupt 1 selection register
0000h
XIR1SET
EB22h
X-Interrupt 1 set register (write-only)
0000h
XIR2CLR
EB34h
X-Interrupt 2 clear register (write-only)
0000h
XIR2SEL
EB30h
X-Interrupt 2 selection register
0000h
XIR2SET
EB32h
X-Interrupt 2 set register (write-only)
0000h
XIR3CLR
EB44h
X-Interrupt 3 clear selection register (write-
only)
0000h
XIR3SEL
EB40h
X-Interrupt 3 selection register
0000h
XIR3SET
EB42h
X-Interrupt 3 set selection register (write-
only)
0000h
XMISC
EB46h
XBUS miscellaneous features register
0000h
XP1DIDIS
EB36h
Port 1 digital disable register
0000h
XPEREMU
EB7Eh
XPERCON copy for emulation (write-only)
XXXXh
XPICON
EB26h
Extended port input threshold control
register
- - 00h
XPOLAR
EC04h
XPWM module channel polarity register
0000h
Table 69.
X-Registers ordered by name (continued)
Name
Physical
address
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com