Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276E Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 224Page - STMicroelectronics ST10F276E Datasheet HTML 225Page - STMicroelectronics ST10F276E Datasheet HTML 226Page - STMicroelectronics ST10F276E Datasheet HTML 227Page - STMicroelectronics ST10F276E Datasheet HTML 228Page - STMicroelectronics ST10F276E Datasheet HTML 229Page - STMicroelectronics ST10F276E Datasheet HTML 230Page - STMicroelectronics ST10F276E Datasheet HTML 231Page - STMicroelectronics ST10F276E Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 235 page
background image
Package information
ST10F276E
228/235
Doc ID 12303 Rev 3
24
Package information
24.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
24.2
PQFP144 mechanical data
Table 110.
PQFP144 mechanical data
Dim
mm
Min.
Typ.
Max.
A
4.10
A1
0.25
0.50
A2
3.20
3.40
3.60
b0.29
0.45
c0.11
0.23
D
30.95
31.20
31.45
D1
27.80
28.00
28.20
D3
22.75
E
30.95
31.20
31.45
E1
27.80
28.00
28.20
E3
22.75
e0.65
L
0.73
0.88
1.03
L1
0.25
L2
1.60
k0°
7°
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com