Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7570
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7570 Datasheet HTML 7Page - STMicroelectronics ST7570 Datasheet HTML 8Page - STMicroelectronics ST7570 Datasheet HTML 9Page - STMicroelectronics ST7570 Datasheet HTML 10Page - STMicroelectronics ST7570 Datasheet HTML 11Page - STMicroelectronics ST7570 Datasheet HTML 12Page - STMicroelectronics ST7570 Datasheet HTML 13Page - STMicroelectronics ST7570 Datasheet HTML 14Page - STMicroelectronics ST7570 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ST7570
Electrical characteristics
Doc ID 17526 Rev 2
11/26
PGA_MIN
PGA minimum gain
-18
dB
PGA_MAX
PGA maximum gain
30
dB
Oscillator
V(XIN)
Oscillator input voltage swing
Clock frequency
supplied externally
1.8
VDDIO
V p-p
V(XIN) TH
Oscillator input voltage threshold
0.8
0.9
1
V
f(XIN)
Crystal oscillator frequency
8
MHz
f(XIN) TOL
External quartz crystal frequency
tolerance
-150
+150
ppm
ESR
External quartz crystal ESR value
100
Ω
CL
External quartz crystal load
capacitance
16
20
pF
fCLK_AFE
Internal frequency of the analog
front end
8
MHz
fCLK_PROT_ctrl
Internal frequency of the protocol
Ctrl core
28
MHz
fCLK_PHY_proces
sor
Internal frequency of the PHY
processor core
56
MHz
Temperature sensor
T_TH1
Temperature threshold 1
63
70
77
°C
T_TH2
Temperature threshold 2
90
100
110
°C
T_TH3
Temperature threshold 3
112
125
138
°C
T_TH4
Temperature threshold 4
153
170
187
°C
Zero crossing comparator
V(ZC_IN_A) MAX
Zero crossing analog input voltage
range
10
V p-p
V(ZC_IN_A) TL
Zero crossing analog input low
threshold
-40
-30
-20
mV
V(ZC_IN_A) TH
Zero crossing analog input high
threshold
30
40
50
mV
V(ZC_IN_A)
HYST
Zero crossing analog input
hysteresis
62
70
78
mV
ZC_IN_D d.c.
Zero crossing digital input duty
cycle
50
%
Digital section
Digital I/O
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com