Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7570
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7570 Datasheet HTML 1Page - STMicroelectronics ST7570 Datasheet HTML 2Page - STMicroelectronics ST7570 Datasheet HTML 3Page - STMicroelectronics ST7570 Datasheet HTML 4Page - STMicroelectronics ST7570 Datasheet HTML 5Page - STMicroelectronics ST7570 Datasheet HTML 6Page - STMicroelectronics ST7570 Datasheet HTML 7Page - STMicroelectronics ST7570 Datasheet HTML 8Page - STMicroelectronics ST7570 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
September 2012
Doc ID 17526 Rev 2
1/26
26
ST7570
S-FSK power line networking system-on-chip
Datasheet — production data
Features
Fully integrated narrow-band power line
networking system-on-chip
High performing PHY processor with
embedded turn-key firmware for spread
frequency shift keying (S-FSK) modulation:
– Programmable bit rate up to 2.4 Kbps (@
50 Hz)
– 1 Hz step programmable carriers up to
148.5 kHz
– Signal to noise ratio estimation
– Received signal strength indication
Protocol engine embedding:
– IEC61334-5-1 PHY and MAC layers
– Alarm management
– Repeater Call procedure
– Intelligent search initiator process
On chip peripherals:
– Host controller UART interface
Fully integrated analog front end:
– ADC and DAC
– PGA with automatic gain control for high
receiving sensitivity
– High linearity modulated signal generation
Fully integrated single-ended power amplifier
for line driving
– Up to 1 A rms, 14 V p-p output
– Configurable Active filtering topology
– Very high linearity
– Embedded temperature sensor
– Current control feature
8 to 18 V power amplifier supply
3.3 V or 5 V digital I/O supply
Integrated 5 V and 1.8 V linear regulators for
AFE and digital core supply
Mains zero crossing synchronization
Suitable for EN50065 and FCC part 15
compliant applications
VFQFPN48 package with exposed pad
-40 °C to +85 °C temperature range
Applications
Smart metering applications
Street lighting control
Command and control networking
Description
The ST7570 is a powerful power line networking
system-on-chip. It combines a high-performance
PHY processor core and a protocol controller core
with a fully integrated analog front end (AFE) and
line driver.
The ST7570 features allow the most cost-
effective, single-chip power line communication
solution based on IEC61334-5-1 S-FSK standard.
Table 1.
Device summary
Order codes
Package
Packaging
ST7570
VFQFPN48
Tube
ST7570TR
Tape and reel
www.st.com


Similar Part No. - ST7570

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
More results

Similar Description - ST7570

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
ST7580 power line networking system-on-chip demonstration kit
15-Feb-2012
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
AN3213 STMICROELECTRONICS-AN3213 Datasheet
2Mb / 64P
ST7570 S-FSK power line networking system-on-chip
11-Oct-2010
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
ST7570 S-FSK power line networking System-on-Chip
20-Sep-2011
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com