Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7570
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7570 Datasheet HTML 16Page - STMicroelectronics ST7570 Datasheet HTML 17Page - STMicroelectronics ST7570 Datasheet HTML 18Page - STMicroelectronics ST7570 Datasheet HTML 19Page - STMicroelectronics ST7570 Datasheet HTML 20Page - STMicroelectronics ST7570 Datasheet HTML 21Page - STMicroelectronics ST7570 Datasheet HTML 22Page - STMicroelectronics ST7570 Datasheet HTML 23Page - STMicroelectronics ST7570 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Physical layer
ST7570
20/26
Doc ID 17526 Rev 2
9
Physical layer
The ST7570 embeds a IEC-61334-5-1 PHY layer, which is based on the S-FSK (spread
FSK) modulation technique.
9.1
S-FSK principles
The S-FSK modulation technique is aimed at strengthening the classical FSK by adding
higher robustness against narrow-band interferers typical of a spread-spectrum approach.
Non-return-to-zero (NRZ) coding is used to map the binary data “0” or “1” to sinusoidal
carriers at frequencies f0 and f1 (Figure 11).
Figure 11.
S-FSK waveform (time domain)
The absolute frequency deviation |f0 - f1| is at least 10 kHz, in order to reduce the probability
that a narrow-band interferer could corrupt both carriers at the same time.
f0 and f1 can be set at any value in CENELEC bands A, B, D.
Figure 12.
S-FSK waveform (frequency domain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com