Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7570 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST7570
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST7570 Datasheet HTML 12Page - STMicroelectronics ST7570 Datasheet HTML 13Page - STMicroelectronics ST7570 Datasheet HTML 14Page - STMicroelectronics ST7570 Datasheet HTML 15Page - STMicroelectronics ST7570 Datasheet HTML 16Page - STMicroelectronics ST7570 Datasheet HTML 17Page - STMicroelectronics ST7570 Datasheet HTML 18Page - STMicroelectronics ST7570 Datasheet HTML 19Page - STMicroelectronics ST7570 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Analog front end (AFE)
ST7570
16/26
Doc ID 17526 Rev 2
5.5
Thermal shutdown and temperature control
The ST7570 performs an automatic shutdown of the power amplifier circuitry when the
internal temperature exceeds T_TH4. After a thermal shutdown event, the temperature must
get below T_TH3 before the ST7570 power amplifier comes back to operation.
Moreover, a digital thermometer is embedded to identify the internal temperature among
four zones, as indicated in Table 8.
Table 8.
Temperature zones
5.6
Zero-crossing PLL and delay compensation
In operating mode, ST7570 needs to be synchronized with an external signal period through
zero crossing detection.
The user can select among two input pins for the external zero-crossing reference:
Analog input (ZC_IN_A): it requires a bipolar analog input signal which is internally
squared through a Schmidt Trigger comparator with symmetrical thresholds;
Digital input (ZC_IN_D): it requires a 50% duty-cycle square-wave digital signal (with
two levels).
The desired input can be selected by accessing a dedicated management information base
(MIB) object.
The ST7570 embeds a phase-locked loop (PLL) to generate the internal reference based on
the external zero-crossing. In case of delay due to external zero crossing coupling circuits
(i.e. based on optocouplers) or to improve interoperability, it is possible to introduce delay
compensation through a dedicated MIB object.
Figure 8.
Zero crossing detection
Temperature zone
Temperature value
1T < T_TH1
2T_TH1 < T < T_TH2
3T_TH2 < T < T_TH3
4T > T_TH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com