Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 12Page - STMicroelectronics STA2500D_10 Datasheet HTML 13Page - STMicroelectronics STA2500D_10 Datasheet HTML 14Page - STMicroelectronics STA2500D_10 Datasheet HTML 15Page - STMicroelectronics STA2500D_10 Datasheet HTML 16Page - STMicroelectronics STA2500D_10 Datasheet HTML 17Page - STMicroelectronics STA2500D_10 Datasheet HTML 18Page - STMicroelectronics STA2500D_10 Datasheet HTML 19Page - STMicroelectronics STA2500D_10 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Pinout
STA2500D
16/58
Doc ID 16067 Rev 2
4.2
HW configuration of the STA2500D
By means of the three configuration pins, one can select the Host interface (UART or SPI)
and clock request signal polarity to be used at startup.
The available combinations of Host interface and protocol are illustrated in Table 13 (where
‘1’ = BT_VIO_A and ‘0’ = BT_VSSDIG). Additionally, the polarity of the BT_CLK_REQ
signals can be programmed through the same pins. The polarity of the BT_CLK_REQ_IN
and BT_CLK_REQ_OUT signals is further described in Section 6.8.
BT_VDD_D
G2
Internal supply decoupling/Regulator output.
Need 220nF decoupling capacitor to
BT_VSSDIG.
--
-
BT_VDD_DSM
B7
Internal supply decoupling/Regulator output.
Need 220nF decoupling capacitor to
BT_VSSANA.
--
-
BT_VDD_N
C7
Internal supply decoupling/Regulator output.
Need 220nF decoupling capacitor to
BT_VSSANA.
--
-
BT_VDD_RF
A1
Internal supply decoupling/Regulator output.
Need 220nF decoupling capacitor to
BT_VSSRF.
--
-
Other pins
BT_TEST1
B5
Test pin
I/O
Input (8)
Input (8)
BT_TEST2
A6
BT_AF_PRG
E5
Test pin (Leave unconnected)(9)
I/O
Open
Open
1.
Pin behaviour during HW reset (BT_RESETN low).
2.
Pin behaviour immediately after HW reset and internal chip initialization, but before SW parameter download.
3.
See also pin BT_VDD_CLD in Table 12.
4.
Reconfigurable I/O pin.The functionality of these I/Os can be configured through software parameter download (see
Section 7.5).
5.
Should be strapped to BT_VSSDIG if not used.
6.
JTAG mode.
7.
Described in Section 4.3.
8.
To be strapped to BT_VSSANA.
9.
Pin is ST - reserved for test function and it must be soldered to an isolated pad (not connected to anything, just floating).
Table 12.
The STA2500D pin list (functional and supply) (continued)
Name
Pin
#
Description
Type
Reset(1)
Default(2)
after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com