Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 14Page - STMicroelectronics STA2500D_10 Datasheet HTML 15Page - STMicroelectronics STA2500D_10 Datasheet HTML 16Page - STMicroelectronics STA2500D_10 Datasheet HTML 17Page - STMicroelectronics STA2500D_10 Datasheet HTML 18Page - STMicroelectronics STA2500D_10 Datasheet HTML 19Page - STMicroelectronics STA2500D_10 Datasheet HTML 20Page - STMicroelectronics STA2500D_10 Datasheet HTML 21Page - STMicroelectronics STA2500D_10 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Functional description
STA2500D
18/58
Doc ID 16067 Rev 2
5
Functional description
5.1
Transmitter
The transmitter uses the serial transmit data from the Bluetooth Controller. The transmitter
modulator converts this data into GFSK,
π/4-DQPSK or 8-DPSK modulated I and Q digital
signals for respectively 1, 2 and 3 Mbps transmission speed. These signals are then
converted to analog signals that are low pass filtered before up-conversion. The carrier
frequency drift is limited by a closed loop PLL.
5.2
Receiver
The STA2500D implements a low-IF receiver for Bluetooth modulated input signals. The
radio signal is taken from a balanced RF input and amplified by an LNA. The mixers are
driven by two quadrature LO signals, which are locally generated from a VCO signal running
at twice the frequency. The I and Q mixer output signals are band pass filtered by a poly-
phase filter for channel filtering and image rejection. The output of the band pass filter is
amplified by a VGA to the optimal input range for the A/D converter. Further channel filtering
is done in the digital part. The digital part demodulates the GFSK, π/4-DQPSK or 8-DPSK
coded bit stream by evaluating the phase information. RSSI data is extracted. Overall
automatic gain amplification in the receive path is controlled digitally. The RC time constants
for the analog filters are automatically calibrated on chip.
5.3
PLL
The on chip VCO is part of a PLL. The tank resonator circuitry for the VCO is completely
integrated without need of external components. Variations in the VCO centre frequency are
calibrated out automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com