Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 45Page - STMicroelectronics STA2500D_10 Datasheet HTML 46Page - STMicroelectronics STA2500D_10 Datasheet HTML 47Page - STMicroelectronics STA2500D_10 Datasheet HTML 48Page - STMicroelectronics STA2500D_10 Datasheet HTML 49Page - STMicroelectronics STA2500D_10 Datasheet HTML 50Page - STMicroelectronics STA2500D_10 Datasheet HTML 51Page - STMicroelectronics STA2500D_10 Datasheet HTML 52Page - STMicroelectronics STA2500D_10 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
STA2500D
HCI transport layer
Doc ID 16067 Rev 2
49/58
8.2
Enhanced H4 SPI transport layer
This is the default SPI mode.
The enhanced H4 protocol is based on the H4 protocol as defined by the SIG []. In addition
a messaging protocol is defined for controlling the Deep Sleep mode entry and wake-up,
see Section : Deep sleep mode entry and wake-up through enhanced H4 SPI.
Three messages are defined: SLEEP, WAKEUP and WOKEN. More details on the
messages are available upon request.
At SPI level, the default configuration is used:
●
The SPI interface works in half duplex mode
●
The data are exchanged in multiple of 16 bits
●
The most significant byte first
●
The most significant bit first
●
There is a read and write command from the Host to access the Bluetooth device
●
The Bluetooth device requests a transfer by the activation of the interrupt line
●
Flow control on SPI_DO and in a register
8.3
H4 SPI transport layer
As stated in the previous section, the SPI interface is configurable. One possible
configuration is the following, implementing a simple H4 SPI transport layer.
●
The SPI interface works in half duplex mode
●
The data are exchanged in multiples of 8 bits
●
The least significant bit first
●
There is a read and write command from the Host to access the Bluetooth device
●
The Bluetooth device requests a transfer by the activation of the interrupt line
●
Flow control on BT_SPI_DO and in a register
8.4
eSCO over HCI
The STA2500D supports synchronous data packet transfer (eSCO) over HCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com