Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2500D Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 33Page - STMicroelectronics STA2500D_10 Datasheet HTML 34Page - STMicroelectronics STA2500D_10 Datasheet HTML 35Page - STMicroelectronics STA2500D_10 Datasheet HTML 36Page - STMicroelectronics STA2500D_10 Datasheet HTML 37Page - STMicroelectronics STA2500D_10 Datasheet HTML 38Page - STMicroelectronics STA2500D_10 Datasheet HTML 39Page - STMicroelectronics STA2500D_10 Datasheet HTML 40Page - STMicroelectronics STA2500D_10 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
STA2500D
General specification
Doc ID 16067 Rev 2
37/58
Figure 12.
Wakeup by host through UART with handshake
5.
Host pulls BT_WAKEUP high to wake-up BT Controller. HW starts driving
CLK_REQ_OUT_1 high (after 2*LP_CLK).
6.
Host starts 13 MHz clock and distribute it when stable. Delay between
CLQ_REQ_OUT_1 and usage of stable clock is programmable in between 3 and 39
ms.
7.
When BT Controller starts with clock, it sets “flow on” by putting UART_RTS low. There
is a fixed SW latency. Host can send commands.
8.
BT Controller sets HOST_WAKEUP high telling to the Host it has events to send to the
Host.
9.
When the Host is ready for data transmission, it asserts UART_CTS low.
6.11
Patch RAM
The STA2500D includes a HW block that allows patching of the ROM code.
Additionally, a SW patch mechanism allows replacing complete SW functions without
changing the ROM image.
A part of the RAM memory is used for HW and SW patches.
6.12
Download of SW parameter file
To change the device configuration a set of customizable parameters have been defined
and put together in one file, the parameter file. This Parameter File is downloaded at start-
up into the STA2500D.
Examples of parameters are: radio configuration, PCM settings etc.
The same HCI command is used to download the file containing the patches (both those for
the SW and HW mechanism).
A more detailed description of the SW parameter file is available upon request.
REF_CLK _IN
CLK _REQ _O UT_1
BT_WAKEUP
UART_RTS
5
7
UART_CTS
UART_RTS
HOST_WAKEUP
8
6
9
UART_RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com