Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027SP-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VB027SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027SP-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VB027SP-E Datasheet HTML 2Page - STMicroelectronics VB027SP-E Datasheet HTML 3Page - STMicroelectronics VB027SP-E Datasheet HTML 4Page - STMicroelectronics VB027SP-E Datasheet HTML 5Page - STMicroelectronics VB027SP-E Datasheet HTML 6Page - STMicroelectronics VB027SP-E Datasheet HTML 7Page - STMicroelectronics VB027SP-E Datasheet HTML 8Page - STMicroelectronics VB027SP-E Datasheet HTML 9Page - STMicroelectronics VB027SP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical specifications
VB027SP-E
6/14
Doc ID 018828 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 3: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
HVc
Collector voltage
Internally limited
V
IC
Collector current
Internally limited
A
Vd
Driving stage supply voltage
7
V
Id
Driving circuitry supply current
200
mA
VIN
Input voltage
10
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case (MAX)
1.12
°C/W
Rthj-amb Thermal resistance junction-ambient (MAX)
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com