Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027SP-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VB027SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027SP-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VB027SP-E Datasheet HTML 3Page - STMicroelectronics VB027SP-E Datasheet HTML 4Page - STMicroelectronics VB027SP-E Datasheet HTML 5Page - STMicroelectronics VB027SP-E Datasheet HTML 6Page - STMicroelectronics VB027SP-E Datasheet HTML 7Page - STMicroelectronics VB027SP-E Datasheet HTML 8Page - STMicroelectronics VB027SP-E Datasheet HTML 9Page - STMicroelectronics VB027SP-E Datasheet HTML 10Page - STMicroelectronics VB027SP-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
VB027SP-E
Electrical specifications
Doc ID 018828 Rev 1
7/14
2.3
Electrical characteristics
VCC =13.5V; Vd =5V; Tj =25°C; Rcoil = 510 mΩ; Lcoil = 7 mH unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Vcl
High voltage clamp
VIN =0.4 V; -40 °C ≤ Tj ≤ 125 °C;
IC =6A
300
360
400
V
Vcg(sat)
Power stage saturation voltage
IC =6A; VIN =4 V; Id =80mA
1.5
V
Vcg(sat)td
Power stage saturation voltage
derating in temperature
IC =6A; VIN =4 V;
-40 °C
≤ Tj ≤ 125 °C; Id =85mA
2V
Id(off)
Power-off supply current
VIN =0.4 V
8
mA
Id(on)
Power-on supply current
VIN =4 V; IC =6 A;
-40 °C
≤ Tj ≤ 125 °C
130
mA
Vd
Driving stage supply voltage
4.5
5.5
V
Icl
Collector current limit
VIN =4 V
(1)
88.5
9
A
Icl(td)
Collector current limit drift with
temperature
See Figure 3
VINH
High level input voltage
HVC <2V
4
5.5
V
VINL
Low level input voltage
IC <2mA; HVC =VCC
00.8
V
IINH
High level input current
VIN = 4 V
40
200
µA
VdiagH
High level diagnostic output voltage
REXT = 22 KΩ (See Figure 6)3.5
(2)
Vd
V
VdiagL
Low level diagnostic output voltage
REXT = 22 KΩ (See Figure 6)0.5
V
IC(diag1)
First threshold level collector current
4.25
4.5
4.75
A
IC(diag1)td
First threshold level collector current
drift with temperature
See Figure 4
IC(diag2)
Second threshold level collector
current
5.45
5.8
6.15
A
IC(diag2)td
Second threshold level collector
current drift with temperature
See Figure 5
td(off)
Turn-off delay time of output current
IC = 5.5 A
25
µs
tf(off)
Turn-off fall time of output current
IC =5.5 A
8
µs
td(diag)
Delay time of diagnostic current
REXT = 22 KΩ (See Figure 6)1
µs
tr(diag)
Turn-on rise time of diagnostic
current
REXT = 22 KΩ (See Figure 6)1
µs
tf(diag)
Turn-off fall time of diagnostic
current
REXT = 22 KΩ (See Figure 6)1
µs
1.
The primary coil current value Icl must be measured 1 ms after desaturation of the power stage.
2.
Vd - Vbe(on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com