Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027SP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB027SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027SP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VB027SP-E Datasheet HTML 1Page - STMicroelectronics VB027SP-E Datasheet HTML 2Page - STMicroelectronics VB027SP-E Datasheet HTML 3Page - STMicroelectronics VB027SP-E Datasheet HTML 4Page - STMicroelectronics VB027SP-E Datasheet HTML 5Page - STMicroelectronics VB027SP-E Datasheet HTML 6Page - STMicroelectronics VB027SP-E Datasheet HTML 7Page - STMicroelectronics VB027SP-E Datasheet HTML 8Page - STMicroelectronics VB027SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2011
Doc ID 018828 Rev 1
1/14
1
VB027SP-E
High voltage ignition coil driver power integrated circuit
Features
■ ECOPACK®: lead free and RoHS compliant
■ Automotive Grade: compliance with AEC
guidelines
■ Primary coil voltage internally set
■ Coil current limit internally set
■ Logic level compatible input
■ Driving current quasi proportional to collector
current
■ Double flag-on coil current
Description
The VB027SP-E is a high voltage power
integrated circuit made using the
STMicroelectronics™ VIPower™ technology, with
vertical current flow power darlington and logic
level compatible driving circuit.
Built-in protection circuit for coil current limiting
and collector voltage clamping allows the device
to be used as smart, high voltage, high current
interface in advanced electronic ignition system.
Type
Vcl
Icl
Id(on)
VB027SP-E
300 V
9 A
130 mA
Table 1.
Device summary
Package
Order code
Tube
Tape and reel
PowerSO-10
VB027SP-E
VB027SPTR-E
PowerSO-10
www.st.com


Similar Part No. - VB027SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
More results

Similar Description - VB027SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB026BSP STMICROELECTRONICS-VB026BSP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB125SP STMICROELECTRONICS-VB125SP Datasheet
78Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Sep-1997
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB525SP-E STMICROELECTRONICS-VB525SP-E Datasheet
297Kb / 19P
High voltage ignition coil driver power integrated circuit
27-Sep-2010
VB526SP-E STMICROELECTRONICS-VB526SP-E Datasheet
298Kb / 19P
High voltage ignition coil driver power integrated circuit
27-Sep-2010
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB525SP STMICROELECTRONICS-VB525SP Datasheet
278Kb / 19P
High voltage ignition coil driver power integrated circuit
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com