Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB027SP-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VB027SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB027SP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VB027SP-E Datasheet HTML 5Page - STMicroelectronics VB027SP-E Datasheet HTML 6Page - STMicroelectronics VB027SP-E Datasheet HTML 7Page - STMicroelectronics VB027SP-E Datasheet HTML 8Page - STMicroelectronics VB027SP-E Datasheet HTML 9Page - STMicroelectronics VB027SP-E Datasheet HTML 10Page - STMicroelectronics VB027SP-E Datasheet HTML 11Page - STMicroelectronics VB027SP-E Datasheet HTML 12Page - STMicroelectronics VB027SP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
VB027SP-E
Application information
Doc ID 018828 Rev 1
9/14
3
Application information
3.1
Principle of operation
The VB027SP-E is mainly intended as high voltage power switch device driven by a logic
level input and interfaces directly to a high energy electronic ignition coil.
The input VIN of the VB027SP-E is fed from a low power signal generated by an external
controller that determines both dwell time and ignition point. During VIN high (≥ 4V) the
VB027SP-E increases current in the coil to the desired, internally set current level.
When the collector current exceeds 4.5 A, the diagnostic signal is turned high and it remains
so, until the load current reaches 5.8 A (second threshold). At that value, the diagnostic
signal is turned low, and the µC forces the VIN to the low state. During the coil current
switch-off, the primary voltage HVC is clamped by a series of Zener diodes at an internally
set value Vcl, typically 360 V.
The collector current sensed through the Rsense, is limited thanks to the “Current limiter”
block that, as soon as the Icl level is reached, forces the darlington (using the “Driver” block)
to limit the current provided.
The transition from saturation to desaturation, coil current limiting phase, must have the
ability to accommodate an overvoltage. A maximum overshoot of 20 V is allowed. There can
be some short period of time in which the output pin (HVC) is pulled below ground by a
negative current due to leakage inductances and stray capacitances of the ignition coil. This
can cause parasitic glitches on the diagnostic output. VB027SP-E has a built-in protection
circuit that allows to lock the p-buried layer potential of the linear stage to the collector
power, when the last one is pulled underground.
3.2
Thermal behaviour
You can see in the block diagram of the VB027SP-E (see Figure 1) a box called
overtemperature protection. The purpose of this circuit is to shift the current level at which
the first diagnostic is activated down of about 1 A.
This information can be managed by the micro that can take the corrective action in order to
reduce the power dissipation. This block is not an effective protection but just an
overtemperature detection. The shift down of the first flag level cannot be present for
temperatures lower than 125 °C.
As an example of its behavior you can suppose a very simple motor management system in
which the micro does just a simple arithmetic calculation to decide when to switch-off the
device after the first flag threshold.
Example
IC(DIAG1) info after x ms (IC(DIAG1)=2.5A)
Iswitch-off info after kx ms.
As soon as the temperature rises over the overtemperature threshold, the first diagnostic is
shifted down to about 1.5 A and, in this example, the switch-off current is kx * 1.5 / 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com