Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC07F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-MIC07F3
Description  EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC07F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-MIC07F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
EMIF02-MIC07F3
2/8
Doc ID 17052 Rev 3
1
Characteristics
Figure 2.
Configuration
Acc_Det pin connection
The Acc_Det pin (accessory detection) is an input pin for the audio pre-amplifier chip which
detects the voltage of the microphone line MIC2P in case the user presses the on-hook/off-
hook button on the headset. When the user selects off-hook using the headset button, the
MIC2P is shorted to MIC2N which is grounded. If your design does not support the Acc_Det
feature, the Acc_Det pin must be left open (not connected).
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter and test conditions
Value
Unit
VPP
Pins B1 and C1, ESD discharge IEC 61000-4-2, level 4:
air discharge
contact discharge
Pins A2, A3, B3, C3, ESD discharge IEC 61000-4-2, level 1
air discharge
contact discharge
15
8
2
2
kV
PD
Power dissipation at Tamb = 25 °C
60
mW
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
GND
GND
GND
GND
GND
GND
GND
B1
C1
C3
B3
A3
A2
B2 and C2 are ground bumps and must be connected together
to ASIC
C12
C11
C21
C22
R11
R21
R31
R22
R12
Mic Bias
Mic2p
Mic2n
C31
C32
Acc_Det



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com