Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC07F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-MIC07F3
Description  EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC07F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-MIC07F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
EMIF02-MIC07F3
4/8
Doc ID 17052 Rev 3
Figure 4.
Attenuation versus frequency
Figure 5.
Attenuation simulation with2 k
Ω
input and 47 k
Ω output
100k
1M
10M
100M
1G
-60
-55
-50
-45
-40
-35
-30
-25
-20
100k
1M
10M
100M
1G
-60
-55
-50
-45
-40
-35
-30
-25
-20
100k
1M
10M
100M
1G
-60
-55
-50
-45
-40
-35
-30
-25
-20
100k
1M
10M
100M
1G
-60
-55
-50
-45
-40
-35
-30
-25
-20
S21 (dB)
F (Hz)
Mic2p
Mic2n
V= 0 V
BIAS
10
100
1k
10k
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
S21 (dB)
Input: 2 k
Ω
Output: 47 k
Ω
AC Simulations
F (Hz)
Figure 6.
Analog crosstalk measurement
Figure 7.
ESD response to IEC 61000-4-2 on
one input V(in) and on one output
V(out)
100k1M
10M100M1G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k1M
10M100M1G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k1M
10M100M1G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Crosstalk (dB)
F (Hz)
V= 0 V
BIAS
5 V/Div
IN
100 ns/Div
100 ns/Div
100 ns/Div
100 ns/Div
OUT
C2
C3
2 V/Div
-15 kV air discharge
Figure 8.
ESD response to IEC 61000-4-2 on
one input V(in) and on one output
V(out)
Figure 9.
Line capacitance versus applied
voltage (C11)
5 V/Div
IN
100 ns/Div
100 ns/Div
OUT
C2
C3
2 V/Div
100 ns/Div
100 ns/Div
+15 kV air discharge
1000
800
600
400
200
0
02
4
6
V (V)
r
C (pF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com