Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC07F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC07F3
Description  EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC07F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC07F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2011
Doc ID 17052 Rev 3
1/8
8
EMIF02-MIC07F3
EMI filter and ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI/ESD protection
■ Lead-free package
■ Very thin package
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4
(on external pins B1 and C1):
– +15 kV (air discharge)
– +8 kV (contact discharge)
■ IEC 61000-4-2 level 1
(on external pins):
– +2 kV (air discharge)
– +2 kV (contact discharge)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ Mobile phones and communication systems
■ Computers, printers and MCU Boards
Description
The EMIF02-MIC07F3 chip is a highly integrated
audio filter device designed to suppress EMI/RFI
noise in all systems subjected to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up to 15 kV.
TM: IPAD is a trademark of STMicroelectronics.
Figure 1.
Pin configuration (bump side)
Lead-free Flip-Chip package
(8 bumps)
B
C
1
2
3
A
MIC
Bias
Acc_Det
Op
On
Gnd
Gnd
Mic2p
Mic2n
www.st.com


Similar Part No. - EMIF02-MIC07F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F1 STMICROELECTRONICS-EMIF02-MIC02F1 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
More results

Similar Description - EMIF02-MIC07F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMIF06 ETC-EMIF06 Datasheet
214Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
logo
STMicroelectronics
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
6 LINES EMI FILTER AND ESD PROTECTION
Jan-2003
EMIF10-LCD01F1 STMICROELECTRONICS-EMIF10-LCD01F1 Datasheet
224Kb / 6P
10 LINES EMI FILTER AND ESD PROTECTION
Nov-2003
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
2 line EMI filter and ESD protection
28-Nov-2006
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
413Kb / 8P
9 line EMI filter and ESD protection
09-Feb-2006
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2005
EMIF10-LCD01C2 STMICROELECTRONICS-EMIF10-LCD01C2 Datasheet
159Kb / 7P
10 LINE EMI FILTER AND ESD PROTECTION
12-Aug-2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com