Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC07F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-MIC07F3
Description  EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC07F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-MIC07F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC07F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF02-MIC07F3
Characteristics
Doc ID 17052 Rev 3
3/8
Figure 3.
Electrical characteristics (definitions)
Table 2.
Electrical characteristics - values (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
7
V
IRM
VRM = 3 V per line
50
200
nA
R11
1900
2000
2100
Ω
R12
800
1000
1200
R21, R22
1760
2200
2640
R31
20
25
30
C11, C12
Vline = 0 V, Vosc = 30 mV, F = 1 MHz
(measured under zero light conditions and with
bumps B2 and C2 connected together)
0.66
0.83
1
nF
C21, C22
11.25
1.5
C31, C32
7
8.75
10.5
Table 3.
Dynamics characteristics (Tamb = 25° C)
(1)
1.
Dynamics characteristics are guaranteed by design and not production tested
Symbol
Condition
Max. Value
Unit
Ripple
Between 5 Khz and 20 kHz
2
dB
THD+N
-21dBV fully differential between MICn and MICp 1kHz
0.009
%
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Forward current
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
R
F
V
=
Clamping voltage
CL
F
d
=
Dynamic impedance
T
=
Voltage temperature
a



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com