Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9558 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices AD9558 Datasheet HTML 90Page - Analog Devices AD9558 Datasheet HTML 91Page - Analog Devices AD9558 Datasheet HTML 92Page - Analog Devices AD9558 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 89 of 104
REFB Profile (Register 0x0740 to Register 0x0766)
REFB Profile Register 0x0740 to Register 0x0766 are identical to REFA Profile Register 0x0700 to Register 0x0726.
REFC Profile (Register 0x0780 to Register 0x07A6)
REFC Profile Register 0x0780 to Register 0x07A6 are identical to REFA Profile Register 0x0700 Register 0x0726.
REFD Profile (Register 0x07C0 to Register 0x07E6)
REFD Profile Register 0x07C0 to Register 0x07E6 are identical to REFA Profile Register 0x0700 to Register 0x0726.
OPERATIONAL CONTROLS (REGISTER 0x0A00 TO REGISTER 0x0A10)
Table 89. General Power-Down
Address
Bits
Bit Name
Description
7
Soft reset exclude regmap
Resets device but retains programmed register values (default: not reset)
6
DCO power-down
Places DCO in deep sleep mode (default: not powered down)
5
SYSCLK power-down
Places SYSCLK input and PLL in deep sleep mode (default: not powered down)
5
Reference input power-down
Places reference clock inputs in deep sleep mode (default: not powered down)
3
TDC power-down
Places the time-to-digital converter in deep sleep mode (default: not powered down)
2
APLL power-down
Places the output PLL in deep sleep mode (default: not powered down)
1
Clock dist power-down
Places the clock distribution outputs in deep sleep mode (default: not powered down)
0x0A00
0
Full power-down
Places the entire device in deep sleep mode (default: not powered down)
Table 90. Loop Mode
Address
Bits
Bit Name
Description
0x0A01
7
Reserved
Reserved.
6
User holdover
Forces the device into holdover mode (default: not forced holdover mode).
If a tuning word history is available, then the history tuning word specifies the DCO
output frequency. Otherwise, the free run frequency tuning word register specifies the
DCO output frequency.
The phase and frequency lock detectors are forced into the unlocked state.
5
User freerun
Forces the device into user free run mode (default is not forced user free run mode).
The free run frequency tuning word register specifies the DCO output frequency. When
the user freerun bit is set, it overrides the user holdover bit (Address 0x0A01, Bit 6).
[4:2]
REF switchover mode
Selects the operating mode of the reference switching state machine.
Reference Switchover Mode, Bits[2:0]
Register 0x0A01[4:2]
Reference Selection Mode
000 (default)
001
010
011
100
101
110
111
Automatic revertive mode
Automatic nonrevertive mode
Manual reference select
(with automatic fallback mode)
Manual reference select mode
(with auto-holdover)
Full manual mode (no auto-holdover)
Not used
Not used
Not used
[1:0]
User reference in manual
switchover mode
Input reference when REF switchover mode bits (Register 0x0A01, Bits[4:2]) = 010, 011, or 100.
00 (default) = Input Reference A.
01 = Input Reference B.
10 = Input Reference C.
11 = Input Reference D.
Table 91. Cal/Sync Distribution
Address
Bits
Bit Name
Description
[7:2]
Reserved
Default: 0x00
1
Soft sync clock distribution
Setting this bit initiates synchronization of the clock distribution output (default: 0b).
Nonmasked outputs stall when value is 1b; restart is initialized on 1b to 0b transition.
0x0A02
0
Reserved
Default: 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com