Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9558 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9558 Datasheet HTML 17Page - Analog Devices AD9558 Datasheet HTML 18Page - Analog Devices AD9558 Datasheet HTML 19Page - Analog Devices AD9558 Datasheet HTML 20Page - Analog Devices AD9558 Datasheet HTML 21Page - Analog Devices AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 21 of 104
–160
–150
–140
–130
–120
–110
–100
–90
–80
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 302fs
Figure 7. Absolute Phase Noise (Output Driver = 3.3.V CMOS),
fR = 19.44 MHz, fOUT = 161.1328125 MHz,
DPLL Loop BW = 100 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 308fs
Figure 8. Absolute Phase Noise (Output Driver = HSTL),
fR = 2 kHz, fOUT = 125 MHz,
DPLL Loop BW = 100 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 343fs
Figure 9. Absolute Phase Noise (Output Driver = HSTL),
fR = 25 MHz, fOUT = 1 GHz,
DPLL Loop BW = 500 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 393fs
Figure 10. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 644.53 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 371s
1k
10
100
10k
100k
1M
10M
100M
Figure 11. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 693.482991 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (12kHz TO 20MHz): 404fs
Figure 12. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 312.5 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com