Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9558 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9558 Datasheet HTML 9Page - Analog Devices AD9558 Datasheet HTML 10Page - Analog Devices AD9558 Datasheet HTML 11Page - Analog Devices AD9558 Datasheet HTML 12Page - Analog Devices AD9558 Datasheet HTML 13Page - Analog Devices AD9558 Datasheet HTML 14Page - Analog Devices AD9558 Datasheet HTML 15Page - Analog Devices AD9558 Datasheet HTML 16Page - Analog Devices AD9558 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 13 of 104
SERIAL PORT SPECIFICATIONS—I2C MODE
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL (AS INPUT)
Input Logic 1 Voltage
0.7 ×
DVDD3
V
Input Logic 0 Voltage
0.3 ×
DVDD3
V
Input Current
−10
+10
μA
For VIN = 10% to 90% DVDD3
Hysteresis of Schmitt Trigger Inputs
0.015 ×
DVDD3
Pulse Width of Spikes That Must Be Suppressed by
the Input Filter, tSP
50
ns
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.4
V
IO = 3 mA
Output Fall Time from VIHmin to VILmax
20 + 0.1
Cb1
250
ns
10 pF ≤ Cb ≤ 400 pF
TIMING
SCL Clock Rate
400
kHz
Bus-Free Time Between a Stop and Start
Condition, tBUF
1.3
μs
Repeated Start Condition Setup Time, tSU; STA
0.6
μs
Repeated Hold Time Start Condition, tHD;STA
0.6
μs
After this period, the first clock pulse is
generated
Stop Condition Setup Time, tSU; STO
0.6
μs
Low Period of the SCL Clock, tLOW
1.3
μs
High Period of the SCL Clock, tHIGH
0.6
μs
SCL/SDA Rise Time, tR
20 + 0.1 Cb1
300
ns
SCL/SDA Fall Time, tF
20 + 0.1 Cb1
300
ns
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
100
ns
Capacitive Load for Each Bus Line, Cb1
400
pF
1 Cb is the capacitance (pF) of a single bus line.
JITTER GENERATION
Jitter generation (random jitter) uses 49.152 MHz crystal for system clock input.
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
System clock doubler enabled;
high phase margin mode enabled;
Register 0x0405 = 0x20; Register 0x0403 =
0x07; Register 0x0400 = 0x81;
in cases where multiple driver types are
listed, both driver types were tested at
those conditions, and the one with higher
jitter is quoted, although there is usually
not a significant jitter difference between
the driver types
fREF = 19.44 MHz; fOUT = 622.08 MHz; fLOOP = 50 Hz
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
304
fs rms
Bandwidth: 12 kHz to 20 MHz
296
fs rms
Bandwidth: 20 kHz to 80 MHz
300
fs rms
Bandwidth: 50 kHz to 80 MHz
266
fs rms
Bandwidth: 16 MHz to 320 MHz
185
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com