Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR04E-R Datasheet(PDF) 136 Page - STMicroelectronics

Part # M24LR04E-R
Description  4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR04E-R Datasheet(HTML) 136 Page - STMicroelectronics

Back Button M24LR04E-R Datasheet HTML 132Page - STMicroelectronics M24LR04E-R Datasheet HTML 133Page - STMicroelectronics M24LR04E-R Datasheet HTML 134Page - STMicroelectronics M24LR04E-R Datasheet HTML 135Page - STMicroelectronics M24LR04E-R Datasheet HTML 136Page - STMicroelectronics M24LR04E-R Datasheet HTML 137Page - STMicroelectronics M24LR04E-R Datasheet HTML 138Page - STMicroelectronics M24LR04E-R Datasheet HTML 139Page - STMicroelectronics M24LR04E-R Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 142 page
background image
Part numbering
M24LR04E-R
136/142
Doc ID 022208 Rev 5
31
Part numbering
Table 129.
Ordering information scheme for bare die devices or packaged devices
Example:
M24LR04E-R
MN
6
T
/2
Device type
M24LR = dual interface EEPROM
04 = memory size in Kbit
E = support for energy harvesting
Operating voltage
R = VCC = 1.8 to 5.5 V
Package
MN = SO8N (150 mils width)
MC = UFDFPN8 (MLP8)
DW = TSSOP8
UW20 = inkless, unsawn wafer, with no backgrinding(1)
1.
Delivery type: wafer tested, unsawn, without backgrinding. Wafer thickness: 725 µm ±20 µm.
Bad chip identification by STIF wafer maps provided by STMicroelectronics.
Device grade(2)
2.
For packaged devices only.
6 = industrial: device tested with standard
test flow over –40 to 85 °C
Option(2)
T = Tape and reel packing
Capacitance
/2 = 27.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com