Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR04E-R Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24LR04E-R
Description  4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR04E-R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24LR04E-R Datasheet HTML 20Page - STMicroelectronics M24LR04E-R Datasheet HTML 21Page - STMicroelectronics M24LR04E-R Datasheet HTML 22Page - STMicroelectronics M24LR04E-R Datasheet HTML 23Page - STMicroelectronics M24LR04E-R Datasheet HTML 24Page - STMicroelectronics M24LR04E-R Datasheet HTML 25Page - STMicroelectronics M24LR04E-R Datasheet HTML 26Page - STMicroelectronics M24LR04E-R Datasheet HTML 27Page - STMicroelectronics M24LR04E-R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 142 page
background image
System memory area
M24LR04E-R
24/142
Doc ID 022208 Rev 5
The M24LR04E-R password protection is organized around a dedicated set of commands,
plus a system area of three password blocks where the password values are stored. This
system area is described in Table 10.
The dedicated commands for protection in RF mode are:
●
Write-sector password:
The Write-sector password command is used to write a 32-bit block into the password
system area. This command must be used to update password values. After the write
cycle, the new password value is automatically activated. It is possible to modify a
password value after issuing a valid Present-sector password command. On delivery,
the three default password values are set to 0000 0000h and are activated.
●
Lock-sector:
The Lock-sector command is used to set the sector security status byte of the selected
sector. Bits b4 to b1 of the sector security status byte are affected by the Lock-sector
command. The sector lock bit, b0, is set to 1 automatically. After issuing a Lock-sector
command, the protection settings of the selected sector are activated. The protection of
a locked block cannot be changed in RF mode. A Lock-sector command sent to a
locked sector returns an error code.
Table 9.
Password control bits
b4, b3
Password
00
The sector is not protected by a password.
01
The sector is protected by password 1.
10
The sector is protected by password 2.
11
The sector is protected by password 3.
Table 10.
Password system area
Add
1
Password 1
2
Password 2
3
Password 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com