Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR04E-R Datasheet(PDF) 41 Page - STMicroelectronics

Part # M24LR04E-R
Description  4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR04E-R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M24LR04E-R Datasheet HTML 37Page - STMicroelectronics M24LR04E-R Datasheet HTML 38Page - STMicroelectronics M24LR04E-R Datasheet HTML 39Page - STMicroelectronics M24LR04E-R Datasheet HTML 40Page - STMicroelectronics M24LR04E-R Datasheet HTML 41Page - STMicroelectronics M24LR04E-R Datasheet HTML 42Page - STMicroelectronics M24LR04E-R Datasheet HTML 43Page - STMicroelectronics M24LR04E-R Datasheet HTML 44Page - STMicroelectronics M24LR04E-R Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
M24LR04E-R
M24LR04E-R memory initial state
Doc ID 022208 Rev 5
41/142
6
M24LR04E-R memory initial state
The device is delivered with all bits set to 1 in the user memory array.
●
User Memory content : FFh
●
System bits delivery
●
I2C write lock bits 00h
●
Sector Security Status: 00h
●
I2C Password: 0000 0000 h
●
RF Password: 0000 0000 h
●
IC ref: 5Ah
●
UID: E0 02 xx xx xx xx h
●
DSFID: FFh
●
AFI: 00h
●
Memory size: 03 7Fh
●
Energy Harvesting Configuration byte: F4h
●
Bit 7 to bit 4: all set to 1
●
Bit 3: set to 0 (RF BUSY mode on RF WIP/BUSY pin)
●
Bit 2: set to 1 (Energy harvesting not activated by default)
●
Bit 1 and bit 0: set to 0 (fan-out setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com