Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR04E-R Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24LR04E-R
Description  4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR04E-R Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24LR04E-R Datasheet HTML 22Page - STMicroelectronics M24LR04E-R Datasheet HTML 23Page - STMicroelectronics M24LR04E-R Datasheet HTML 24Page - STMicroelectronics M24LR04E-R Datasheet HTML 25Page - STMicroelectronics M24LR04E-R Datasheet HTML 26Page - STMicroelectronics M24LR04E-R Datasheet HTML 27Page - STMicroelectronics M24LR04E-R Datasheet HTML 28Page - STMicroelectronics M24LR04E-R Datasheet HTML 29Page - STMicroelectronics M24LR04E-R Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
System memory area
M24LR04E-R
26/142
Doc ID 022208 Rev 5
4.2
M24LR04E-R block security in I²C mode (I2C_Write_Lock bit
area)
In the I2C mode only, it is possible to protect individual sectors against Write operations.
This feature is controlled by the I2C_Write_Lock bits stored in the 2 bytes of the
I2C_Write_Lock bit area. I2C_Write_Lock bit area starts from location 2048 (see Table 13).
To access the I2C_Write_Lock bit area, the device select code used for any I2C command
must have the E2 Chip Enable address at 1.
Using these 16 bits, it is possible to write-protect all the 4 sectors of the M24LR04E-R
memory. Each bit controls the I2C write access to a specific sector as shown in Table 13. It
is always possible to unprotect a sector in the I2C mode. When an I2C_Write_Lock bit is
reset to 0, the corresponding sector is unprotected. When the bit is set to 1, the
corresponding sector is write-protected.
In I2C mode, read access to the I2C_Write_Lock bit area is always allowed. Write access
depends on the correct presentation of the I2C password.
On delivery, the default value of the two bytes of the I2C_Write_Lock bit area is reset to 00h.
m
4.3
Configuration byte and Control register
The M24LR04E-R offers an 8-bit non-volatile Configuration byte located at I²C location 2320
of the system area used to store the RF WIP/BUSY pin and the energy harvesting
configuration (see Table 14).
The M24LR04E-R also offers an 8-bit volatile Control register located at I²C location 2336 of
the system area used to store the energy harvesting enable bit as well as a FIELD_ON bit
indicator (see Table 15).
4.3.1
RF WIP/BUSY pin configuration
The M24LR04E-R features a configurable open drain output RF WIP/BUSY pin used to
provide RF activity information to an external device.
The RF WIP/BUSY pin functionality depends on the value of bit 3 of the Configuration byte.
●
RF busy mode
When bit 3 of the Configuration byte is set to 0, the RF WIP/BUSY pin is configured in RF
busy mode.
The purpose of this mode is to indicate to the I²C bus master whether the M24LR04E-R is
busy in RF mode or not.
In this mode, the RF WIP/BUSY pin is tied to 0 from the RF command Start Of Frame (SOF)
until the end of the command execution.
If a bad RF command is received, the RF WIP/BUSY pin is tied to 0 from the RF command
SOF until the reception of the RF command CRC. Otherwise, the RF WIP/BUSY pin is in
high-Z state.
Table 13.
I2C_Write_Lock bit
I2C byte address
Bits [4:15]
Bits [3:0]
E2 = 1
2048
Don’t care
sectors 0-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com