Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR04E-R Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24LR04E-R
Description  4-Kbit EEPROM with password protection, dual interface & energy harvesting: 400 kHz I²C bus & ISO 15693 RF protocol at 13.56 MHz
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR04E-R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24LR04E-R Datasheet HTML 23Page - STMicroelectronics M24LR04E-R Datasheet HTML 24Page - STMicroelectronics M24LR04E-R Datasheet HTML 25Page - STMicroelectronics M24LR04E-R Datasheet HTML 26Page - STMicroelectronics M24LR04E-R Datasheet HTML 27Page - STMicroelectronics M24LR04E-R Datasheet HTML 28Page - STMicroelectronics M24LR04E-R Datasheet HTML 29Page - STMicroelectronics M24LR04E-R Datasheet HTML 30Page - STMicroelectronics M24LR04E-R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
M24LR04E-R
System memory area
Doc ID 022208 Rev 5
27/142
When tied to 0, the RF WIP/BUSY signal returns to High-Z state if the RF field is cut-off.
During execution of I²C commands, the RF WIP/BUSY pin remains in high-Z state.
●
RF Write in progress
When bit 3 of the Configuration byte is set to 1, the RF WIP/BUSY pin is configured in RF
Write in progress mode.
The purpose of this mode is to indicate to the I²C bus master that some data have been
changed in RF mode.
In this mode, the RF WIP/BUSY pin is tied to 0 for the duration of an internal write operation
(i.e. between the end of a valid RF write command and the beginning of the RF answer).
During execution of I²C write operations, the RF WIP/BUSY pin remains in high-Z state.
4.3.2
Energy harvesting configuration
The M24LR04E-R features an Energy harvesting mode on the Vout analog output.
The general purpose of the Energy harvesting mode is to deliver a part of the non-
necessary RF power received by the M24LR04E-R on the AC0-AC1 RF input in order to
supply an external device. The current consumption on the analog voltage output Vout is
limited to ensure that the M24LR04E-R is correctly supplied during the powering of the
external device.
When the Energy harvesting mode is enabled and the power delivered on the AC0-AC1 RF
input exceeds the minimum required PAC0-AC1_min, the M24LR04E-R is able to deliver a
limited and unregulated voltage on the Vout pin, assuming the current consumption on the
Vout does not exceed the Isink_max maximum value.
If one of the condition above is not met, the analog voltage output pin Vout is set in High-Z
state.
For robust applications using the Energy harvesting mode, four current fan-out levels can be
chosen.
●
Vout sink current configuration
The sink current level is chosen by programming EH_cfg1 and EH_cfg0 into the
Configuration byte (see Table 14).
The minimum power level required on AC0-AC1 RF input PAC0-AC1_min, the delivered
voltage Vout, as well as the maximum current consumption Isink_max on the Vout pin
corresponding to the <EH_cfg1,EH_cfg0> bit values are described in Table 125.
Table 14.
Configuration byte
I2C byte address Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
BIT 1
BIT 0
E2=1
2320
X(1)
1.
Bit 7 to Bit 4 are don’t care bits.
X(1)
X(1)
X(1)
RF WIP/BUSY
EH_mode EH_cfg1 EH_cfg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com