Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI2K Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRI2K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI2K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRI2K Datasheet HTML 5Page - STMicroelectronics SRI2K Datasheet HTML 6Page - STMicroelectronics SRI2K Datasheet HTML 7Page - STMicroelectronics SRI2K Datasheet HTML 8Page - STMicroelectronics SRI2K Datasheet HTML 9Page - STMicroelectronics SRI2K Datasheet HTML 10Page - STMicroelectronics SRI2K Datasheet HTML 11Page - STMicroelectronics SRI2K Datasheet HTML 12Page - STMicroelectronics SRI2K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SRI2K
Data transfer
Doc ID 15779 Rev 3
9/45
3
Data transfer
3.1
Input data transfer from the reader to the SRI2K (request
frame)
The reader must generate a 13.56 MHz sinusoidal carrier frequency at its antenna, with
enough energy to “remote-power” the memory. The energy received at the SRI2K’s antenna
is transformed into a supply voltage by a regulator, and into data bits by the ASK
demodulator. For the SRI2K to decode correctly the information it receives, the reader must
10% amplitude-modulate the 13.56 MHz wave before sending it to the SRI2K. This is
represented in Figure 3. The data transfer rate is 106 Kbits/s.
Figure 3.
10% ASK modulation of the received wave
3.1.1
Character transmission format for request frame
The SRI2K transmits and receives data bytes as 10-bit characters, with the least significant
bit (b0) transmitted first, as shown in Figure 4. Each bit duration, an ETU (elementary time
unit), is equal to 9.44 µs (1/106 kHz).
These characters, framed by a start of frame (SOF) and an end of frame (EOF), are put
together to form a command frame as shown in Figure 10. A frame includes an SOF,
commands, addresses, data, a CRC and an EOF as defined in the ISO 14443-3 Type B
Standard. If an error is detected during data transfer, the SRI2K does not execute the
command, but it does not generate an error frame.
Figure 4.
SRI2K request frame character format
DATA BIT TO TRANSMIT
TO THE
10% ASK MODULATION
OF THE 13.56MHz WAVE,
GENERATED BY THE READER
Transfer time for one data bit is 1/106 kHz
SRI2K
AI15576
ai07664
1 ETU
Start
"0"
Stop
"1"
MSb
LSb
Information Byte
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com