Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI2K Datasheet(PDF) 24 Page - STMicroelectronics

Part # SRI2K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI2K Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SRI2K Datasheet HTML 20Page - STMicroelectronics SRI2K Datasheet HTML 21Page - STMicroelectronics SRI2K Datasheet HTML 22Page - STMicroelectronics SRI2K Datasheet HTML 23Page - STMicroelectronics SRI2K Datasheet HTML 24Page - STMicroelectronics SRI2K Datasheet HTML 25Page - STMicroelectronics SRI2K Datasheet HTML 26Page - STMicroelectronics SRI2K Datasheet HTML 27Page - STMicroelectronics SRI2K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Anticollision
SRI2K
24/45
Doc ID 15779 Rev 3
7.1
Description of an anticollision sequence
The anticollision sequence is initiated by the Initiate() command which triggers all the SRI2K
devices that are present in the reader field range, and that are in Inventory state. Only
SRI2K devices in Inventory state will respond to the Pcall16() and Slot_marker(SN)
anticollision commands.
A new SRI2K introduced in the field range during the anticollision sequence will not be taken
into account as it will not respond to the Pcall16() or Slot_marker(SN) command (Ready
state). To be considered during the anticollision sequence, it must have received the
Initiate() command and entered the Inventory state.
Table 4 shows the elements of a standard anticollision sequence. (See Figure 22 for an
example.)
After each Slot_marker() command, there may be several, one or no answers from the
SRI2K devices. The reader must handle all the cases and store all the Chip_IDs, correctly
decoded. At the end of the anticollision sequence, after Slot_marker(15), the reader can
start working with one SRI2K by issuing a Select() command containing the desired
Chip_ID. If a collision is detected during the anticollision sequence, the reader has to
generate a new sequence in order to identify all unidentified SRI2K devices in the field. The
anticollision sequence can stop when all SRI2K devices have been identified.
Table 4.
Standard anticollision sequence
Step 1
Init:
Send Initiate().
– If no answer is detected, go to step1.
– If only 1 answer is detected, select and access the SRI2K. After accessing the
SRI2K, deselect the tag and go to step1.
– If a collision (many answers) is detected, go to step2.
Step 2
Slot 0
Send Pcall16().
– If no answer or collision is detected, go to step3.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step3.
Step 3
Slot 1
Send Slot_marker(1).
– If no answer or collision is detected, go to step4.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step4.
Step 4
Slot 2
Send Slot_marker(2).
– If no answer or collision is detected, go to step5.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step5.
Step N
Slop N
Send Slot_marker(3 up to 14)...
– If no answer or collision is detected, go to stepN+1.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to stepN+1.
Step 17
Slot 15
Send Slot_marker(15).
– If no answer or collision is detected, go to step18.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step18.
Step 18
All the slots have been generated and the Chip_ID values should be stored into
the reader memory. Issue the Select(Chip_ID) command and access each
identified SRI2K one by one. After accessing each SRI2K, switch them into
Deselected or Deactivated state, depending on the application needs.
– If collisions were detected between Step2 and Step17, go to Step2.
– If no collision was detected between Step2 and Step17, go to Step1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com