Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI2K Datasheet(PDF) 38 Page - STMicroelectronics

Part # SRI2K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI2K Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SRI2K Datasheet HTML 34Page - STMicroelectronics SRI2K Datasheet HTML 35Page - STMicroelectronics SRI2K Datasheet HTML 36Page - STMicroelectronics SRI2K Datasheet HTML 37Page - STMicroelectronics SRI2K Datasheet HTML 38Page - STMicroelectronics SRI2K Datasheet HTML 39Page - STMicroelectronics SRI2K Datasheet HTML 40Page - STMicroelectronics SRI2K Datasheet HTML 41Page - STMicroelectronics SRI2K Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
DC and ac parameters
SRI2K
38/45
Doc ID 15779 Rev 3
10
DC and ac parameters
Table 7.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–20
85
°C
Table 8.
DC characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Regulated voltage
2.5
3.5
V
ICC
Supply current (active in read)
VCC = 3.0 V
100
µA
ICC
Supply current (active in write)
VCC = 3.0 V
250
µA
VRET
Retromodulation induced voltage
ISO 10373-6
20
mV
CTUN
Internal tuning capacitor
13.56 MHz
64
pF
Table 9.
AC characteristics(1)
1.
All timing measurements were performed on a reference antenna with the following characteristics:
External size: 75 mm x 48 mm
Number of turns: 3
Width of conductor: 1 mm
Space between 2 conductors: 0.4 mm
Value of the coil: 1.4 µH
Tuning Frequency: 14.4 MHz.
Symbol
Parameter
Condition
Min
Max
Unit
fCC
External RF signal frequency
13.553
13.567
MHz
MICARRIER Carrier modulation index
MI=(A-B)/(A+B)
8
14
%
tRFR,tRFF 10% Rise and Fall times
0.8
2.5
µs
tRFSBL
Minimum pulse width for Start bit
ETU = 128/fCC
9.44
µs
tJIT
ASK modulation data jitter
Coupler to SRI2K
–2
+2
µs
tMIN CD
Minimum time from carrier
generation to first data
5ms
fS
Subcarrier frequency
fCC/16
847.5
kHz
t0
Antenna reversal delay
128/fS
151
µs
t1
Synchronization delay
128/fS
151
µs
t2
Answer to new request delay
14 ETU
132
µs
tDR
Time between request characters
Coupler to SRI2K
0
57
µs
tDA
Time between answer characters
SRI2K to coupler
0
µs
tW
Programming time for write
With no auto-erase cycle
(OTP)
3ms
With auto-erase cycle
(EEPROM)
5ms
Binary counter decrement
7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com