Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI2K Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRI2K
Description  13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI2K Datasheet(HTML) 1 Page - STMicroelectronics

  SRI2K Datasheet HTML 1Page - STMicroelectronics SRI2K Datasheet HTML 2Page - STMicroelectronics SRI2K Datasheet HTML 3Page - STMicroelectronics SRI2K Datasheet HTML 4Page - STMicroelectronics SRI2K Datasheet HTML 5Page - STMicroelectronics SRI2K Datasheet HTML 6Page - STMicroelectronics SRI2K Datasheet HTML 7Page - STMicroelectronics SRI2K Datasheet HTML 8Page - STMicroelectronics SRI2K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
September 2011
Doc ID 15779 Rev 3
1/45
1
SRI2K
13.56 MHz short-range contactless memory chip
with 2048-bit EEPROM and anticollision functions
Features
■ ISO 14443-2 Type B air interface compliant
■ ISO 14443-3 Type B frame format compliant
■ 13.56 MHz carrier frequency
■ 847 kHz subcarrier frequency
■ 106 Kbit/second data transfer
■ 8 bit Chip_ID based anticollision system
■ 2 count-down binary counters with automated
antitearing protection
■ 64-bit Unique Identifier
■ 2048-bit EEPROM with Write Protect feature
■ Read_block and Write_block (32 bits)
■ Internal tuning capacitor
■ 1million erase/write cycles
■ 40-year data retention
■ Self-timed programming cycle
■ 5 ms typical programming time
–Unsawn wafer
– Bumped and sawn wafer
www.st.com


Similar Part No. - SRI2K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI4K STMICROELECTRONICS-SRI4K Datasheet
392Kb / 45P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
28-Aug-2008
SRI4K-SBN181GE STMICROELECTRONICS-SRI4K-SBN181GE Datasheet
392Kb / 45P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
28-Aug-2008
SRI4K-W41GE STMICROELECTRONICS-SRI4K-W41GE Datasheet
392Kb / 45P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
28-Aug-2008
SRI4K STMICROELECTRONICS-SRI4K_11 Datasheet
339Kb / 46P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
18-Apr-2006
More results

Similar Description - SRI2K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Jul-2009
SRI4K STMICROELECTRONICS-SRI4K_11 Datasheet
339Kb / 46P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
13-Sep-2011
SRT512 STMICROELECTRONICS-SRT512_12 Datasheet
470Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
22-Oct-2012
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
07-Feb-2023
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com